Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERC01-10 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # ERC01-10
Description  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

ERC01-10 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  ERC01-10 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd ERC01-10 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
ERC01-02 THRU ERC01-10
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
ERC01-02 THRU ERC01-10
200V-1000V
1.5A
PLASTIC SILICON RECTIFIER
120
TJ=125
8.3ms Single Half
Sine-Wave
2
4
10
8
100
40
60 80
0
20
40
60
80
100
120
140
160
0.6
TJ=25
Pulse Width=300uS
0.04
0.01
0.1
0.4
2
1.0
4
100
10
0.8
1.0
1.2
1.4
2.0
1.6
1.8
.2
TJ=25
f=1MHz
1
.1
2
4
.4
1.0
2
40
10
20
60
100
1
4
00
75
25
0
50
Single Phase
Half W ave 60H Z
Resistive or
Inductive Load
100
125
175
150
0.25
0.5
1
0.75
1.25
1.5
FIG.3 --CURRENT DERATING CURVE
FIG.4 --PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
AMBIENT TEMPERATURE,
FIG.1 -- FORWARD CHARACTERISTIC
FIG.2 -- JUNCTION CHARACTERISTICS


Similar Part No. - ERC01-10

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ERC01-10 BILIN-ERC01-10 Datasheet
54Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Diode Semiconductor Kor...
ERC01-10 DSK-ERC01-10 Datasheet
249Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
ERC01-10 LUGUANG-ERC01-10 Datasheet
1Mb / 2P
   Plastic Silicon Rectifiers
More results

Similar Description - ERC01-10

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com