Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75818PT Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC75818PT
Description  1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75818PT Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC75818PT Datasheet HTML 4Page - Sanyo Semicon Device LC75818PT Datasheet HTML 5Page - Sanyo Semicon Device LC75818PT Datasheet HTML 6Page - Sanyo Semicon Device LC75818PT Datasheet HTML 7Page - Sanyo Semicon Device LC75818PT Datasheet HTML 8Page - Sanyo Semicon Device LC75818PT Datasheet HTML 9Page - Sanyo Semicon Device LC75818PT Datasheet HTML 10Page - Sanyo Semicon Device LC75818PT Datasheet HTML 11Page - Sanyo Semicon Device LC75818PT Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
LC75818PT
No.A0964-8/43
Pin Functions
Pin
Pin No.
Function
Active
I/O
Handling
when unused
S1 to S80
1 to 80
Segment driver outputs.
-
O
OPEN
COM1 to COM10
90 to 81
Common driver outputs.
-
O
OPEN
KS1 to KS6
91 to 96
Key scan outputs. Although normal key scan timing lines require
diodes to be inserted in the timing lines to prevent shorts, since
these outputs are unbalanced CMOS transistor outputs, these
outputs will not be damaged by shorting when these outputs are
used to form a key matrix.
-
O
OPEN
KI1 to KI5
97 to 101
Key scan inputs.
These pins have built-in pull-down resistors.
H
I
GND
P1 to P4
102 to 105
General-purpose outputs. P4 can be used as a clock output port
with the "set key scan output port/general-purpose output port
state" instruction.
-
O
OPEN
OSC
115
Oscillator connections. An oscillator circuit is formed by
connecting an external resistor and capacitor to this pin.
This pin can also be used as the external clock input pin with the
"set display technique" instruction.
-
I/O
VDD
CE
118
H
I
CL
119
I
DI
120
-
I
GND
DO
117
Serial data interface connections to the controller. Note that DO,
being an open-drain output, requires a pull-up resistor.
CE: Chip enable
CL: Synchronization clock
DI: Transfer data
DO: Output data
-
O
OPEN
INH
116
Input that turns the display off, disables key scanning, and
forces the general-purpose output ports low.
• When INH is low (VSS):
• Display off
S1 to S80=”L” (VLCD4)
COM1 to COM10=”L” (VLCD4)
• General-purpose output ports P1 to P4=low (VSS)
• Key scanning disabled: KS1 to KS6=low (VSS)
• All the key data is reset to low.
• When INH is high (VDD):
• Display on
• The state of the pins as key scan output pins or
general-purpose output ports can be set with the
"set key scan output port/general-purpose output
port state" instruction.
• Key scanning is enabled.
However, serial data can be transferred when the INH pin is low.
L
I
VDD
TEST
114
This pin must be connected to ground.
-
I
-
VLCD0
108
LCD drive 4/4 bias voltage (high level) supply pin. The level on this
pin can be changed by the display contrast adjustment circuit.
However, (VLCD0 - VLCD4) must be greater than or equal to 4.5V.
Also, external power must not be applied to this pin since the pin
circuit includes the display contrast adjustment circuit.
-
O
OPEN
VLCD1
109
LCD drive 3/4 bias voltage (middle level) supply pin. This pin can
be used to supply the 3/4 (VLCD0 - VLCD4) voltage level
externally.
-
I
OPEN
VLCD2
110
LCD drive 2/4 bias voltage (middle level) supply pin. This pin can
be used to supply the 2/4 (VLCD0 - VLCD4) voltage level
externally.
-
I
OPEN
Continued on next page.


Similar Part No. - LC75818PT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75818PT ONSEMI-LC75818PT Datasheet
464Kb / 44P
   Duty Dot Matrix LCD Controller & Driver
June 2017 - Rev. 1
LC75818PT-8560-H ONSEMI-LC75818PT-8560-H Datasheet
464Kb / 44P
   Duty Dot Matrix LCD Controller & Driver
June 2017 - Rev. 1
LC75818PT ONSEMI-LC75818PT_17 Datasheet
464Kb / 44P
   Duty Dot Matrix LCD Controller & Driver
June 2017 - Rev. 1
More results

Similar Description - LC75818PT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75817E SANYO-LC75817E Datasheet
829Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com