Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3085AN Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA3085AN
Description  All Band TV Tuner IC with On-chip PLL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3085AN Datasheet(HTML) 3 Page - Sony Corporation

  CXA3085AN Datasheet HTML 1Page - Sony Corporation CXA3085AN Datasheet HTML 2Page - Sony Corporation CXA3085AN Datasheet HTML 3Page - Sony Corporation CXA3085AN Datasheet HTML 4Page - Sony Corporation CXA3085AN Datasheet HTML 5Page - Sony Corporation CXA3085AN Datasheet HTML 6Page - Sony Corporation CXA3085AN Datasheet HTML 7Page - Sony Corporation CXA3085AN Datasheet HTML 8Page - Sony Corporation CXA3085AN Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
—3—
CXA3085AN
Pin Description
Pin
Symbol
Equivalent circuit
Pin voltage
Description
No.
(V)
1
2
3
4
5
6
7
8
9
10
11
CL
DA
CE
FMT
BVL
BVH
BU
VCC1
MIXout1
MIXout2
GND1
1.25
(when open)
ON : 4.9
OFF : 0
Clock input.
Data input.
Enable pin.
4 : Output for FM TRAP.
5 : Power supply output for
VL band.
6 : Power supply pin for VH
band.
7 : Power supply output for
UHF band.
The selected band pin goes
High.
Analog circuit power supply.
Mixer outputs.
Analog circuit GND.
5k
100k
1
22
VCC2
5k
100k
2
22
VCC2
3
150k
50k
VCC2
22
20k
VCC3
4
5
6
7
30
9
10


Similar Part No. - CXA3085AN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3086 SONY-CXA3086 Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
More results

Similar Description - CXA3085AN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com