Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004IRTJT Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TSC2004IRTJT
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2004IRTJT Datasheet(HTML) 5 Page - Burr-Brown (TI)

  TSC2004IRTJT Datasheet HTML 1Page - Burr-Brown (TI) TSC2004IRTJT Datasheet HTML 2Page - Burr-Brown (TI) TSC2004IRTJT Datasheet HTML 3Page - Burr-Brown (TI) TSC2004IRTJT Datasheet HTML 4Page - Burr-Brown (TI) TSC2004IRTJT Datasheet HTML 5Page - Burr-Brown (TI) TSC2004IRTJT Datasheet HTML 6Page - Burr-Brown (TI) TSC2004IRTJT Datasheet HTML 7Page - Burr-Brown (TI) TSC2004IRTJT Datasheet HTML 8Page - Burr-Brown (TI) TSC2004IRTJT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
www.ti.com
PIN CONFIGURATIONS
X
Y
SNSGND
NC
AD0
-
-
TSC2004
16
17
18
19
20
10
9
8
7
6
ThermalPad
1
2
3
4
5
15
14
13
12
11
AGND
AUX
NC
I/OVDD
DGND
Columns
(FRONT
VIEW)
A
C
E
B
D
NC
AD1
SNSGND
NC
DGND
4
NC
NC
Y
-
I/OVDD
3
SUBGND
NC
X
-
AUX
2
X+
VREF
Y+
SNSVDD
AGND
1
SDA
PINTDAV
AD0
SCL
RESET
5
NC
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
RTJ PACKAGE(1)
YZK PACKAGE
QFN-20
WCSP-18
(TOP VIEW)
(TOP VIEW, SOLDER BUMPS ON BOTTOM SIDE)
(1)
The thermal pad is internally connected to
SUBGND.
The
thermal
pad
can
be
connected to the analog ground or left
floating. Keep the thermal pad separate
from the digital ground, if possible.
PIN ASSIGNMENTS
PIN NO.
PIN
QFN
WCSP
NAME
I/O
A/D
DESCRIPTION
1
D1
SDA
I/O
D
Serial data I/O
2
C1
SCL
I
D
Serial clock.
3
B2
AD1
I
D
Address input bit 1
4
A1
PINTDAV
O
D
Interrupt output. Data available or PENIRQ, depending on setting. Pin polarity with active low.
5
B1
RESET
I
D
System reset. All register values reset to default values.
6
A2
DGND
Digital ground
7
A3
I/OVDD
Digital I/O interface voltage
B3, B4,
No internal connection, but solder bumps are populated. These pins may be connected to analog ground
8, 19
C2, C3,
NC
for mechanical stability.
D2, D3
9
A4
AUX
I
A
Auxiliary channel input
10
A5
AGND
Analog ground
11
B5
VREF
I
A
External reference input
12
C5
SNSVDD
Power supply for sensor drivers and other analog blocks.
13
D5
X+
I
A
X+ channel input
14
E5
Y+
I
A
Y+ channel input
15
D4
SUBGND
Substrate ground (for ESD current). Connection to AGND (on the PCB) is recommended.
16
E4
X–
I
A
X– channel input
17
E3
Y–
I
A
Y– channel input
18
E2
SNSGND
Sensor driver return
20
E1
AD0
I
D
Address input bit 0
C4
NC
No solder bump for this location.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TSC2004


Similar Part No. - TSC2004IRTJT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2004IRTJT BURR-BROWN-TSC2004IRTJT Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results

Similar Description - TSC2004IRTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com