Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN4426 Datasheet(PDF) 5 Page - Stanson Technology

Part # STN4426
Description  STN4426 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN4426 Datasheet(HTML) 5 Page - Stanson Technology

  STN4426 Datasheet HTML 1Page - Stanson Technology STN4426 Datasheet HTML 2Page - Stanson Technology STN4426 Datasheet HTML 3Page - Stanson Technology STN4426 Datasheet HTML 4Page - Stanson Technology STN4426 Datasheet HTML 5Page - Stanson Technology STN4426 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STN44
STN44
STN44
STN442
2
2
26
6
6
6
N Channel Enhancement Mode MOSFET
8.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STN4426 2009. V1
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARACTERICTICS
CHARACTERICTICS
CHARACTERICTICS
CHARACTERICTICS


Similar Part No. - STN4426

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STN4420 VBSEMI-STN4420 Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
logo
Stanson Technology
STN442D STANSON-STN442D Datasheet
1Mb / 7P
   N Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STN442D VBSEMI-STN442D Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STN442D DOINGTER-STN442D Datasheet
887Kb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STN4426

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN4346 STANSON-STN4346 Datasheet
352Kb / 7P
   STN4392 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3406SRG STANSON-ST3406SRG Datasheet
325Kb / 6P
   ST3406SRG is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4416 STANSON-STN4416 Datasheet
966Kb / 6P
   STN4416 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4392 STANSON-STN4392 Datasheet
383Kb / 7P
   STN4392 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4480 STANSON-STN4480 Datasheet
742Kb / 6P
   STN4480 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4850 STANSON-STN4850 Datasheet
532Kb / 6P
   STN4850 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN1810 STANSON-STN1810 Datasheet
966Kb / 7P
   STN1810 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4438 STANSON-STN4438 Datasheet
269Kb / 6P
   STN4438 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4546 STANSON-STN4546 Datasheet
363Kb / 6P
   STN4526 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST2304SRG STANSON-ST2304SRG Datasheet
630Kb / 6P
   ST2304SRG is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com