Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPCWHT-L1-0000-00D51 Datasheet(PDF) 5 Page - Cree, Inc

Part # XPCWHT-L1-0000-00D51
Description  Cree짰 XLamp짰 XP Family LEDs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPCWHT-L1-0000-00D51 Datasheet(HTML) 5 Page - Cree, Inc

  XPCWHT-L1-0000-00D51 Datasheet HTML 1Page - Cree, Inc XPCWHT-L1-0000-00D51 Datasheet HTML 2Page - Cree, Inc XPCWHT-L1-0000-00D51 Datasheet HTML 3Page - Cree, Inc XPCWHT-L1-0000-00D51 Datasheet HTML 4Page - Cree, Inc XPCWHT-L1-0000-00D51 Datasheet HTML 5Page - Cree, Inc XPCWHT-L1-0000-00D51 Datasheet HTML 6Page - Cree, Inc XPCWHT-L1-0000-00D51 Datasheet HTML 7Page - Cree, Inc XPCWHT-L1-0000-00D51 Datasheet HTML 8Page - Cree, Inc XPCWHT-L1-0000-00D51 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
xlamp xp led binning & labeling
PerFormanCe grouPs – ChromaTiCiTy (ConTinueD)
region
x
y
region
x
y
region
x
y
region
x
y
0a
0.2950
0.2970
0B
0.2920
0.3060
0c
0.2984
0.3133
0D
0.2984
0.3133
0.2920
0.3060
0.2895
0.3135
0.2962
0.3220
0.3048
0.3207
0.2984
0.3133
0.2962
0.3220
0.3028
0.3304
0.3068
0.3113
0.3009
0.3042
0.2984
0.3133
0.3048
0.3207
0.3009
0.3042
0r
0.2980
0.2880
0S
0.2895
0.3135
0T
0.2962
0.3220
0U
0.3037
0.2937
0.2950
0.2970
0.2870
0.3210
0.2937
0.3312
0.3009
0.3042
0.3009
0.3042
0.2937
0.3312
0.3005
0.3415
0.3068
0.3113
0.3037
0.2937
0.2962
0.3220
0.3028
0.3304
0.3093
0.2993
1a
0.3048
0.3207
1B
0.3028
0.3304
1c
0.3115
0.3391
1D
0.3130
0.3290
0.3130
0.3290
0.3115
0.3391
0.3205
0.3481
0.3213
0.3373
0.3144
0.3186
0.3130
0.3290
0.3213
0.3373
0.3221
0.3261
0.3068
0.3113
0.3048
0.3207
0.3130
0.3290
0.3144
0.3186
1r
0.3068
0.3113
1S
0.3005
0.3415
1T
0.3099
0.3509
1U
0.3144
0.3186
0.3144
0.3186
0.3099
0.3509
0.3196
0.3602
0.3221
0.3261
0.3161
0.3059
0.3115
0.3391
0.3205
0.3481
0.3231
0.3120
0.3093
0.2993
0.3028
0.3304
0.3115
0.3391
0.3161
0.3059
2a
0.3215
0.3350
2B
0.3207
0.3462
2c
0.3290
0.3538
2D
0.3290
0.3417
0.3290
0.3417
0.3290
0.3538
0.3376
0.3616
0.3371
0.3490
0.3290
0.3300
0.3290
0.3417
0.3371
0.3490
0.3366
0.3369
0.3222
0.3243
0.3215
0.3350
0.3290
0.3417
0.3290
0.3300
2r
0.3222
0.3243
2S
0.3196
0.3602
2T
0.3290
0.3690
2U
0.3290
0.3300
0.3290
0.3300
0.3290
0.3690
0.3381
0.3762
0.3366
0.3369
0.3290
0.3180
0.3290
0.3538
0.3376
0.3616
0.3361
0.3245
0.3231
0.3120
0.3207
0.3462
0.3290
0.3538
0.3290
0.3180
3a
0.3371
0.3490
3B
0.3376
0.3616
3c
0.3463
0.3687
3D
0.3451
0.3554
0.3451
0.3554
0.3463
0.3687
0.3551
0.3760
0.3533
0.3620
0.3440
0.3427
0.3451
0.3554
0.3533
0.3620
0.3515
0.3487
0.3366
0.3369
0.3371
0.3490
0.3451
0.3554
0.3440
0.3427
3r
0.3366
0.3369
3S
0.3381
0.3762
3T
0.3480
0.3840
3U
0.3440
0.3428
0.3440
0.3428
0.3480
0.3840
0.3571
0.3907
0.3515
0.3487
0.3429
0.3307
0.3463
0.3687
0.3551
0.3760
0.3495
0.3339
0.3361
0.3245
0.3376
0.3616
0.3463
0.3687
0.3429
0.3307
4a
0.3530
0.3597
4B
0.3548
0.3736
4c
0.3641
0.3804
4D
0.3615
0.3659
0.3615
0.3659
0.3641
0.3804
0.3736
0.3874
0.3702
0.3722
0.3590
0.3521
0.3615
0.3659
0.3702
0.3722
0.3670
0.3578
0.3512
0.3465
0.3530
0.3597
0.3615
0.3659
0.3590
0.3521
4r
0.3512
0.3465
4S
0.3571
0.3907
4T
0.3668
0.3957
4U
0.3590
0.3521
0.3590
0.3521
0.3668
0.3957
0.3771
0.4034
0.3670
0.3578
0.3567
0.3389
0.3641
0.3804
0.3736
0.3874
0.3640
0.3440
0.3495
0.3339
0.3548
0.3736
0.3641
0.3804
0.3567
0.3389
Copyright © 2008-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets
available at www.cree.com.


Similar Part No. - XPCWHT-L1-0000-00D51

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPCWHT-L1-0000-00D51 CREE-XPCWHT-L1-0000-00D51 Datasheet
1Mb / 31P
   XLamp® XP-C LEDs
2008-2021
More results

Similar Description - XPCWHT-L1-0000-00D51

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XP-C CREE-XP-C Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-C LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DSXX CREE-CLD-DSXX Datasheet
1Mb / 20P
   Cree짰 XLamp짰 XP-E2 Color LEDs
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com