Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3095N Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA3095N
Description  All Band TV Tuner IC (VHF-CATV-UHF)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3095N Datasheet(HTML) 5 Page - Sony Corporation

  CXA3095N Datasheet HTML 1Page - Sony Corporation CXA3095N Datasheet HTML 2Page - Sony Corporation CXA3095N Datasheet HTML 3Page - Sony Corporation CXA3095N Datasheet HTML 4Page - Sony Corporation CXA3095N Datasheet HTML 5Page - Sony Corporation CXA3095N Datasheet HTML 6Page - Sony Corporation CXA3095N Datasheet HTML 7Page - Sony Corporation CXA3095N Datasheet HTML 8Page - Sony Corporation CXA3095N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
– 5 –
CXA3095N
Electrical Characteristics Measurement Circuit
CXA3095N
47k
22
1p (UK)
1T362 16p
1T363
68p (RH)
0.5
φ
3.2
φ
2.5t
47k
0.5p (UK)
47k
1n
1n
0.5
φ
3.2
φ
5.5t
51
51
3.3k
1n
VL
VH
+9V
VH/VL SW
47k
47k
100
1n
15µ
VC
PLL OUT
+9V
47k
1T363
0.5p (UK)
14p
2p
0.5
φ 2.6φ 1.5t
4p
56p
4p
56p
1n
3.3k
10k
1n
1n
IF OUT
BAND SW
OFF: VHF
ON: UHF
1n
51p
4.7µ
VHF IN
UHF IN
1n
1n
1n
51p
1n
+9V
13
14
15
16
17
18
19
20
21
22
23
24
2
3
4
5
6
7
8
9
10
11
12
1


Similar Part No. - CXA3095N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
More results

Similar Description - CXA3095N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com