Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPE2 Datasheet(PDF) 2 Page - Cree, Inc

Part # XPE2
Description  Cree짰 XLamp짰 XP-E2 LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPE2 Datasheet(HTML) 2 Page - Cree, Inc

  XPE2 Datasheet HTML 1Page - Cree, Inc XPE2 Datasheet HTML 2Page - Cree, Inc XPE2 Datasheet HTML 3Page - Cree, Inc XPE2 Datasheet HTML 4Page - Cree, Inc XPE2 Datasheet HTML 5Page - Cree, Inc XPE2 Datasheet HTML 6Page - Cree, Inc XPE2 Datasheet HTML 7Page - Cree, Inc XPE2 Datasheet HTML 8Page - Cree, Inc XPE2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
2
xlamp xp-e2 leds
fluX characteristics (t
J = 85 °c)
The following table provides several base order codes for XLamp XP-e2 LeDs. It is important to note that the base order
codes listed here are a subset of the total available order codes for the product family. For more order codes, as well
as a complete description of the order-code nomenclature, please consult the XLamp XP Family Binning and Labeling
document.
color
cct range
base order codes
min. luminous flux (lm)
@ 350 ma
calculated minimum
luminous flux (lm)**
@ 85 °c
order code
min.
max.
Group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
700 ma
1.0 a
Cool White
5000 K
10,000 K
Q4
100
116
171
218
XpEBWT-L1-0000-00C51
Q5
107
124
183
233
XpEBWT-L1-0000-00D51
R2
114
132
195
249
XpEBWT-L1-0000-00E51
R3
122
142
209
266
XpEBWT-L1-0000-00F51
outdoor
White
4000 K
5300 K
Q4
100
116
171
218
XpEBWT-01-0000-00CC2
Q5
107
124
183
233
XpEBWT-01-0000-00DC2
R2
114
132
195
249
XpEBWT-01-0000-00EC2
R3
122
142
209
266
XpEBWT-01-0000-00FC2
Neutral
White
3700 K
5300 K
Q4
100
116
171
218
XpEBWT-L1-0000-00CE4
Q5
107
124
183
233
XpEBWT-L1-0000-00DE4
R2
114
132
195
249
XpEBWT-L1-0000-00EE4
80-CRI
White
2600 K
4300 K
Q2
87.4
101
150
191
XpEBWT-H1-0000-00AE7
Q3
93.9
109
161
205
XpEBWT-H1-0000-00BE7
Warm
White
2600 K
3700 K
Q2
87.4
101
150
191
XpEBWT-L1-0000-00AE7
Q3
93.9
109
161
205
XpEBWT-L1-0000-00BE7
Q4
100
116
171
218
XpEBWT-L1-0000-00CE7
85-CRI
White
2600 K
3200 K
P2
67.2
78.0
115
147
XpEBWT-p1-0000-007E7
p3
73.9
85.7
127
161
XpEBWT-p1-0000-008E7
P4
80.6
93.5
138
176
XpEBWT-p1-0000-009E7
Q2
87.4
101
150
191
XpEBWT-p1-0000-00AE7
90-CRI
White
2600 K
3200 K
P2
67.2
78.0
115
147
XpEBWT-U1-0000-007E7
p3
73.9
85.7
127
161
XpEBWT-U1-0000-008E7
P4
80.6
93.5
138
176
XpEBWT-U1-0000-009E7
Notes:
Cree maintains a tolerance of ± 7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2
on CRI measurements.
Typical CRI for Cool White (5000 K – 10,000 K CCT) is 70.
Typical CRI for Neutral White (3700 K – 5300 K CCT) is 75.
Typical CRI for outdoor White (4000 K - 5300 K CCT) is 70.
Typical CRI for Warm White (2600 K – 3700 K CCT) is 80.
Minimum CRI for 80-CRI White is 80.
Minimum CRI for 85-CRI White is 85.
Minimum CRI for 90-CRI White is 90.
*
Flux values @ 25 °C are calculated and for reference only.
** Calculated flux values are for reference only.


Similar Part No. - XPE2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEAMB-L1-0000-00301 CREE-XPEAMB-L1-0000-00301 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPEAMB-L1-0000-00301 CREE-XPEAMB-L1-0000-00301 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEAMB-L1-0000-00303 CREE-XPEAMB-L1-0000-00303 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XPEAMB-L1-0000-00401 CREE-XPEAMB-L1-0000-00401 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPEAMB-L1-0000-00401 CREE-XPEAMB-L1-0000-00401 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
More results

Similar Description - XPE2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-DSXX CREE-CLD-DSXX Datasheet
1Mb / 20P
   Cree짰 XLamp짰 XP-E2 Color LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XP-C CREE-XP-C Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-C LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS34 CREE-CLD-DS34 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com