Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP9527 Datasheet(PDF) 7 Page - Stanson Technology

Part # STP9527
Description  STP9527 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP9527 Datasheet(HTML) 7 Page - Stanson Technology

  STP9527 Datasheet HTML 1Page - Stanson Technology STP9527 Datasheet HTML 2Page - Stanson Technology STP9527 Datasheet HTML 3Page - Stanson Technology STP9527 Datasheet HTML 4Page - Stanson Technology STP9527 Datasheet HTML 5Page - Stanson Technology STP9527 Datasheet HTML 6Page - Stanson Technology STP9527 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
STP9527
P Channel Enhancement Mode MOSFET
-10.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STP9527 2007. V1
SOP-8 PACKAGE OUTLINE


Similar Part No. - STP9527

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP9527 VBSEMI-STP9527 Datasheet
1,016Kb / 9P
   P-Channel 40 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STP9527 DOINGTER-STP9527 Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - STP9527

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST3407SRG STANSON-ST3407SRG Datasheet
184Kb / 6P
   ST3407SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST2315SRG STANSON-ST2315SRG Datasheet
218Kb / 6P
   ST2315SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP7401 STANSON-STP7401 Datasheet
461Kb / 6P
   STP7401 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3401SRG STANSON-ST3401SRG Datasheet
212Kb / 6P
   ST3401RSG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density DMOS trench technology.
STP9437 STANSON-STP9437 Datasheet
375Kb / 6P
   STP9437 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP4435A STANSON-STP4435A Datasheet
311Kb / 6P
   STP4435A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST2341A STANSON-ST2341A Datasheet
582Kb / 6P
   ST2341A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP6621 STANSON-STP6621 Datasheet
452Kb / 6P
   STP6621 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
Shenzhen Huazhimei Semi...
HM1P10MR HMSEMI-HM1P10MR Datasheet
763Kb / 5P
   P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
Stanson Technology
STP4803 STANSON-STP4803 Datasheet
697Kb / 7P
   STP4803 is the dual P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com