Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2022PT Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2022PT
Description  LIN Transceiver with Voltage Regulator
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2022PT Datasheet(HTML) 1 Page - Microchip Technology

  MCP2022PT Datasheet HTML 1Page - Microchip Technology MCP2022PT Datasheet HTML 2Page - Microchip Technology MCP2022PT Datasheet HTML 3Page - Microchip Technology MCP2022PT Datasheet HTML 4Page - Microchip Technology MCP2022PT Datasheet HTML 5Page - Microchip Technology MCP2022PT Datasheet HTML 6Page - Microchip Technology MCP2022PT Datasheet HTML 7Page - Microchip Technology MCP2022PT Datasheet HTML 8Page - Microchip Technology MCP2022PT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
© 2005-2012 Microchip Technology Inc.
DS22018F-page 1
MCP2021/2/1P/2P
Features
• The MCP2021/2/1P/2P are compliant with LIN
Bus Specifications 1.3, 2.0, and 2.1 and are
compliant to SAE J2602
• Support Baud Rates up to 20 Kbaud with
LIN-compatible output driver
• 43V Load dump protected
• Very low EMI meets stringent OEM requirements
• Wide supply voltage, 6.0V - 18.0V continuous:
- Maximum input voltage of 30V
• Extended Temperature Range: -40 to +125°C
• Interface to PIC EUSART and standard USARTs
• Local Interconnect Network (LIN) bus pin:
- Internal pull-up resistor and diode
- Protected against ground shorts
- Protected against loss of ground
- High current drive
• Automatic thermal shutdown
• On-Chip Voltage Regulator:
- Output voltage of 5.0V with tolerances of
±3% overtemperature range
- Available with alternate output voltage of
3.3V with tolerances of ±3% overtemperature
range
- Maximum continuous input voltage of 30V
- Internal thermal overload protection
- Internal short circuit current limit
- External components limited to filter capacitor
only and load capacitor
• Two low-power modes:
- Receiver on, Transmitter off, voltage
regulator on (
85 µA)
- Receiver monitoring bus, Transmitter off,
voltage regulator off (
16 µA)
Description
The MCP2021/2/1P/2P provides a bidirectional, half-
duplex communication physical interface to automotive
and industrial LIN systems that meets the LIN bus
specification Revision 2.0. The devices incorporate a
voltage regulator with 5V at 50 mA or 3.3V at 50 mA
regulated power-supply outputs.
The regulator is short-circuit protected, and is protected
by an internal thermal shutdown circuit. The device has
been specifically designed to operate in the automotive
operating environment and will survive all specified
transient conditions while meeting all of the stringent
quiescent current requirements.
The MCP2021/2/1P/2P family of devices includes the
following packages.
8-pin PDIP, DFN and SOIC packages:
• MCP2021-330, LIN-compatible driver, 8-pin, 3.3V
regulator, wake up on dominant level of LBUS
• MCP2021-500, LIN-compatible driver, 8-pin, 5.0V
regulator, wake up on dominant level of LBUS
• MCP2021P-330, LIN-compatible driver, 8-pin,
3.3V regulator, wake up at falling edge of LBUS
voltage
• MCP2021P-500, LIN-compatible driver, 8-pin,
5.0V regulator, wake up at falling edge of LBUS
voltage
14-pin PDIP, TSSOP and SOIC packages with RESET
output:
• MCP2022-330, LIN-compatible driver, 14-pin,
3.3V regulator, RESET output, wake up on domi-
nant level of LBUS
• MCP2022-500, LIN-compatible driver, 14-pin,
5.0V regulator, RESET output, wake up on domi-
nant level of LBUS
• MCP2022P-330, LIN-compatible driver, 14-pin,
3.3V regulator, RESET output, wake up at falling
edge of LBUS voltage
• MCP2022P-500, LIN-compatible driver, 14-pin,
5.0V regulator, RESET output, wake up at falling
edge of LBUS voltage
LIN Transceiver with Voltage Regulator


Similar Part No. - MCP2022PT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2022PT-330E/MD MICROCHIP-MCP2022PT-330E/MD Datasheet
1Mb / 54P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2022PT-330E/MF MICROCHIP-MCP2022PT-330E/MF Datasheet
1Mb / 54P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2022PT-330E/P MICROCHIP-MCP2022PT-330E/P Datasheet
1Mb / 54P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2022PT-330E/SL MICROCHIP-MCP2022PT-330E/SL Datasheet
1Mb / 54P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2022PT-330E/SN MICROCHIP-MCP2022PT-330E/SN Datasheet
1Mb / 54P
   LIN Transceiver with Voltage Regulator
03/25/14
More results

Similar Description - MCP2022PT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
   LIN Transceiver with Voltage Regulator
03/25/14
logo
Melexis Microelectronic...
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com