Selected language     English  ▼


D-150-C-11 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. D-150-C-11
Description  CUSTOMER DRAWING
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
CUSTOMER DRAWING
TITLE:
SIDE ENTRY REPAIR SLEEVE IMMERSION
RESISTANT, 150 DEG C,
RoHS COMPLIANT C-WRAP
Unless otherwise specified dimensions are in
millimeters.[Inches dimensions are shown in brackets]
DIMENSIONING AND TOLERANCING PER GPS
(ISO STANDARDS)
Raychem
Devices
DOCUMENT NO.:
D-150-C-1X
TOLERANCES:
0.00 ± 0.02 MM
0.0 ± 0.2 MM
0 ± 0.5 MM
ANGLES: ± 0°30’
ROUGHNESS
IN MICRON
Tyco Electronics Corporation reserves
the right to amend this drawing at any
time. Users should evaluate the
suitability of the product for their
application.
REV:
A3
DATE:
July 6, 2012
PREPARED BY:
YNGUYEN
CAGE CODE:
06090
ECO NUMBER:
ECO-12-012452
SCALE:
NTS
SIZE:
A
SHEET:
1 of 1
© 2012 Tyco Electronics Corporation. All rights reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
ADHESIVE
OUTER SLEEVE
PRODUCT DIMENSION
CONDUCTOR
I.D. (A)
Cut Length (B)
AWG
Wire O.D. (Note*)
PART
DESCRIPTION
COLOR
CODE
Adhesive
± .05 (.002)
Sleeve
± .05 (.002)
Adhesive
± 1.5 (.05)
Sleeve
± .5 (.02)
Min
Max
Min
Max
D-150-C-11
Green
1.11 (.044)
2.29 (.090)
19.75 (.78)
19.05 (.75)
26
24
0.80 (.031)
1.10 (.043)
D-150-C-12
Red
1.68 (.066)
2.74 (.108)
20.75 (.78)
19.05 (.75)
22
20
1.10 (.043)
1.50 (.059)
D-150-C-13
Blue
2.13 (.084)
3.43 (.135)
20.75 (.82)
19.05 (.75)
18
16
1.50 (.059)
2.30 (.090)
D-150-C-14
Yellow
3.34 (.133)
4.80 (.189)
20.75 (.82)
19.05 (.75)
14
12
2.30 (.090)
2.80 (.110)
MATERIALS
1.
MELTABLE ADHESIVES: Environment resistant modified thermoplastic fluoroelastomer. Color coded.
2.
INSULATION SLEEVE: Heat-shrinkable, transparent, radiation cross-linked modified fluoropolymer. Color coded.
APPLICATION
1. These parts are designed to provide an environment resistant to repair damaged primary wire that have a radial crack up to 360
degrees, nicks/scrapes not longer than ¼” on the insulation rated for 135
C minimum and no damage to wire conductor.
For insulations procedures refer to RPIP 1101.
2. Install using Tyco Electronics approved convection or infrared heating tools in accordance with Tyco Electronics. When installed
with approved convection or infrared heating tools, assemblies will meet the performance requirements of TE D-6201 spec.
Infrared tools are not recommended for use with black cable jackets.
3 Temperature range: -65
C to +150C.
NOTE*: If the O.D. of wire is out of the range that is specified in Table, use the next size of C-Wrap up or down.
WIR E O D




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl