Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3108AQ Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA3108AQ
Description  L-band Down Converter IC with On-Chip PLL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3108AQ Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA3108AQ Datasheet HTML 4Page - Sony Corporation CXA3108AQ Datasheet HTML 5Page - Sony Corporation CXA3108AQ Datasheet HTML 6Page - Sony Corporation CXA3108AQ Datasheet HTML 7Page - Sony Corporation CXA3108AQ Datasheet HTML 8Page - Sony Corporation CXA3108AQ Datasheet HTML 9Page - Sony Corporation CXA3108AQ Datasheet HTML 10Page - Sony Corporation CXA3108AQ Datasheet HTML 11Page - Sony Corporation CXA3108AQ Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
—8—
CXA3108AQ
Electrical Characteristics
(VCC=5 V, Ta=25 °C)
Circuit Current
Item
Circuit current A
Circuit current D
Symbol
AICC
DICC
Measurement conditions
Analog circuit current
Sum of RFVCC, IFVCC1 and IFVCC2 currents
PLL circuit current
Sum of DVCC1 and DVCC2 currents
Min.
Typ.
Max.
Unit
42
62
82
mA
18
30
40
mA
Item
Conversion gain
Noise figure
IFAGC gain variation
range
IF maximum output
RF pin local oscillator
leak
IF pin local oscillator
leak
Tertiary intermodulation
distortion
Local oscillator phase
noise
RF input impedance
Symbol
CG1
CG2
CG3
NF1
NF2
NF3
AGC
PoSAT
RFLK1
RFLK2
RFLK3
IFLK1
IFLK2
IFLK3
IM3
CN1
CN2
r
π
C
π
Measurement conditions
fin=950 MHz, fIF=480 MHz
IFAGC=4 V (Full Gain)
fin=1450 MHz, fIF=480 MHz
IFAGC=4 V (Full Gain)
fin=2150 MHz, fIF=480 MHz
IFAGC=4 V (Full Gain)
fin=950 MHz, fIF=480 MHz
IFAGC=4 V (Full Gain)
fin=1450 MHz, fIF=480 MHz
IFAGC=4 V (Full Gain)
fin=2150 MHz, fIF=480 MHz
IFAGC=4 V (Full Gain)
fIF=480 MHz,
50
Ω load saturated output
fOSC=1430 to 1830 MHz
fOSC=1830 to 2230 MHz
fOSC=2230 to 2630 MHz
fOSC=1430 to 1830 MHz
fOSC=1830 to 2230 MHz
fOSC=2230 to 2630 MHz
Pin=–25 dBm
IFAGC=4 V (Full Gain)
fin=935 MHz, 940 MHz
fout=475 MHz, 480 MHz
S/I of 480 MHz and 475 MHz
fOSC=1430 MHz
10 kHz offset
fOSC=1430 MHz
100 kHz offset
f=950 MHz
f=950 MHz
Min.
Typ.
Max.
Unit
15
21
25
dB
14
20
24
dB
18
24
28
dB
13
16
dB
13
16
dB
13
16
dB
35
50
dB
9
dBm
–20
dBm
–20
dBm
–25
dBm
–18
dBm
–18
dBm
–20
dBm
38
45
dB
80
dBc/Hz
100
dBc/Hz
12.9
1.84
pF
OSC/MIX/IF Amplifier Blocks


Similar Part No. - CXA3108AQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA3108Q ETC2-CXA3108Q Datasheet
46Kb / 2P
   A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
More results

Similar Description - CXA3108AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
logo
NEC
UPC2782GR NEC-UPC2782GR Datasheet
190Kb / 20P
   L BAND DOWN CONVERTER IC
logo
Sony Corporation
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com