Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVU653 Datasheet(PDF) 2 Page - Texas Instruments

Part # SLVU653
Description  TPS8125xEVM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLVU653 Datasheet(HTML) 2 Page - Texas Instruments

  SLVU653 Datasheet HTML 1Page - Texas Instruments SLVU653 Datasheet HTML 2Page - Texas Instruments SLVU653 Datasheet HTML 3Page - Texas Instruments SLVU653 Datasheet HTML 4Page - Texas Instruments SLVU653 Datasheet HTML 5Page - Texas Instruments SLVU653 Datasheet HTML 6Page - Texas Instruments SLVU653 Datasheet HTML 7Page - Texas Instruments SLVU653 Datasheet HTML 8Page - Texas Instruments SLVU653 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Introduction
www.ti.com
1
Introduction
The TPS8125x device is an ideal power-supply solution for products powered by either a three-cell
alkaline, NiCd or NiMH battery, or a single-cell Li-Ion or Li-polymer battery. The wide input voltage range
is well-suited for portable power applications such as mobile phones or computer peripherals.
1.1
Requirements
The TPS8125xEVM is designed to produce a fixed output voltage over the full input voltage range. See
Table 1 for fixed output voltage version options. A DC power supply capable of delivering 2.50 V to 4.85 V
is required to operate this EVM. Please reference the device datasheet for the Recommended Operating
Conditions and Absolute Maximum Ratings.
1.2
Applications
USB Host Supplies from a Single Li-Ion Battery
USB Dedicated Charging Port Supply
Li-Ion Applications
Audio Applications
RF-PA Buffers
1.3
EVM Features
91% Efficiency at 4.5 MHz
V
IN Range from 2.50 V to 4.85 V
0.85
μA Quiescent Current in Shutdown Mode
30
μA Quiescent Current in Normal Operation
V
IN > VOUT operation for Vin up to 5.5V
1.4
EVM Ordering Options
Table 1 provides the ordering Information for the various EVM options.
Table 1. TPS8125x Output Voltage Options and Ordering Information
Orderable EVM Number
Device Part Number
Output Voltage
PWR121-001
TPS81256
5 V
2
TPS8125xEVM
SLVU653 – April 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - SLVU653

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLVU659A TI1-SLVU659A Datasheet
425Kb / 17P
[Old version datasheet]   TPS62125EVM-044 Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com