Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO4154 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VO4154
Description  Optocoupler, Phototriac Output, Zero Crossing
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO4154 Datasheet(HTML) 3 Page - Vishay Siliconix

  VO4154 Datasheet HTML 1Page - Vishay Siliconix VO4154 Datasheet HTML 2Page - Vishay Siliconix VO4154 Datasheet HTML 3Page - Vishay Siliconix VO4154 Datasheet HTML 4Page - Vishay Siliconix VO4154 Datasheet HTML 5Page - Vishay Siliconix VO4154 Datasheet HTML 6Page - Vishay Siliconix VO4154 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VO4154, VO4156
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 23-Feb-12
3
Document Number: 84797
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The thermal characteristics table above were measured at 25 °C and the thermal model is represented in the thermal network below. Each
resistance value given in this model can be used to calculate the temperatures at each node for a given operating condition. The thermal
resistance from board to ambient will be dependent on the type of PCB, layout and thickness of copper traces. For a detailed explanation
of the thermal model, please reference Vishay's Thermal Characteristics of Optocouplers application note.
Note
• Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
LED power dissipation
Pdiss
100
mW
Output power dissipation
Pdiss
500
mW
Maximum LED junction temperature
Tjmax.
125
°C
Maximum output die junction temperature
Tjmax.
125
°C
Thermal resistance, junction emitter to board
θJEB
150
°C/W
Thermal resistance, junction emitter to case
θJEC
139
°C/W
Thermal resistance, junction detector to board
θJDB
78
°C/W
Thermal resistance, junction detector to case
θJDC
103
°C/W
Thermal resistance, junction emitter to
junction detector
θJED
496
°C/W
Thermal resistance, case to ambient
θCA
3563
°C/W
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.2
1.4
V
Reverse current
VR = 6 V
IR
0.1
10
μA
Input capacitance
VF = 0 V, f = 1 MHz
CI
25
pF
OUTPUT
Repetitive peak off-state voltage
IDRM = 100 μA
VO4154D/H/M
VDRM
400
V
VO4156D/H/M
VDRM
600
V
Off-state current
VD = VDRM, IF = 0 A
IDRM
100
μA
On-state voltage
IT = 300 mA
VTM
3V
On-state current
PF = 1, VT(RMS) = 1.7 V
ITM
300
mA
Off-state current in inhibit state
IF = 2 mA, VDRM
IDINH
200
μA
Holding current
IH
500
μA
Zero cross inhibit voltage
IF = rated IFT
VIH
20
V
Critical rate of rise of off-state
voltage
VD = 0.67 VDRM, TJ = 25 °C
dV/dtcr
5000
V/μs
Critical rate of rise of on-state
dV/dtcr
8A/μs
COUPLER
LED trigger current,
current required to latch output
VD = 3 V
VO4154D
IFT
1.6
mA
VO4154H
IFT
2mA
VO4154M
IFT
3mA
VO4156D
IFT
1.6
mA
VO4156H
IFT
2mA
VO4156M
IFT
3mA
Common mode coupling
capacitance
CCM
0.01
pF
Capacitance (input to output)
f = 1 MHz, VIO = 0 V
CIO
0.8
pF
T
A
θ
CA
T
C
T
JD
T
JE
T
B
θ
EC
θ
EB
θ
DC
θ
DB
θ
BA
θ
DE
T
A
19996
Package


Similar Part No. - VO4154

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO4154 VISHAY-VO4154 Datasheet
117Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VO4154 VISHAY-VO4154 Datasheet
233Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
VO4154D VISHAY-VO4154D Datasheet
117Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VO4154D-X006 VISHAY-VO4154D-X006 Datasheet
117Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VO4154D-X007 VISHAY-VO4154D-X007 Datasheet
117Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
More results

Similar Description - VO4154

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com