Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO4154M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VO4154M
Description  Optocoupler, Phototriac Output, Zero Crossing
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO4154M Datasheet(HTML) 2 Page - Vishay Siliconix

  VO4154M Datasheet HTML 1Page - Vishay Siliconix VO4154M Datasheet HTML 2Page - Vishay Siliconix VO4154M Datasheet HTML 3Page - Vishay Siliconix VO4154M Datasheet HTML 4Page - Vishay Siliconix VO4154M Datasheet HTML 5Page - Vishay Siliconix VO4154M Datasheet HTML 6Page - Vishay Siliconix VO4154M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VO4154, VO4156
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 23-Feb-12
2
Document Number: 84797
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
Fig. 1 - Recommended Operating Condition
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Surge current
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Derate from 25 °C
1.33
mW/°C
OUTPUT
Peak off-state voltage
VO4154D/H/M
VDRM
400
V
VO4156D/H/M
VDRM
600
V
RMS on-state current
ITM
300
mA
Total power dissipation
Pdiss
500
mW
Derate from 25 °C
6.6
mW/°C
COUPLER
Isolation test voltage (between
emitter and detector, climate per
DIN 500414, part 2, Nov. 74)
t = 1 min
VISO
5300
VRMS
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Soldering temperature
max.
≤ 10 s dip soldering
≥ 0.5 mm from case bottom
Tsld
260
°C
0
50
100
150
200
250
300
350
- 40
- 20
0
20
40
60
80
100
Tamb - Temperature (°C)
I
F = 3 mA to 10 mA
19623


Similar Part No. - VO4154M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO4154M VISHAY-VO4154M Datasheet
117Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VO4154M-X006 VISHAY-VO4154M-X006 Datasheet
117Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VO4154M-X007 VISHAY-VO4154M-X007 Datasheet
117Kb / 8P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VO4154M-X007T VISHAY-VO4154M-X007T Datasheet
233Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
More results

Similar Description - VO4154M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com