Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPCRED-L1-0000-00301 Datasheet(PDF) 7 Page - Cree, Inc

Part # XPCRED-L1-0000-00301
Description  Cree짰 XLamp짰 XP Family LEDs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPCRED-L1-0000-00301 Datasheet(HTML) 7 Page - Cree, Inc

Back Button XPCRED-L1-0000-00301 Datasheet HTML 3Page - Cree, Inc XPCRED-L1-0000-00301 Datasheet HTML 4Page - Cree, Inc XPCRED-L1-0000-00301 Datasheet HTML 5Page - Cree, Inc XPCRED-L1-0000-00301 Datasheet HTML 6Page - Cree, Inc XPCRED-L1-0000-00301 Datasheet HTML 7Page - Cree, Inc XPCRED-L1-0000-00301 Datasheet HTML 8Page - Cree, Inc XPCRED-L1-0000-00301 Datasheet HTML 9Page - Cree, Inc XPCRED-L1-0000-00301 Datasheet HTML 10Page - Cree, Inc XPCRED-L1-0000-00301 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
xlamp xp led binning & labeling
Copyright © 2008-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets
available at www.cree.com.
PerFormanCe grouPs – ChromaTiCiTy (ConTinueD)
region
x
y
region
x
y
region
x
y
region
x
y
6r
0.3889
0.3690
6S
0.4054
0.4191
6T
0.4217
0.4273
6U
0.4017
0.3751
0.4017
0.3751
0.4217
0.4273
0.4382
0.4356
0.4147
0.3814
0.3957
0.3596
0.4146
0.4089
0.4299
0.4165
0.4077
0.3652
0.3840
0.3540
0.3996
0.4015
0.4146
0.4089
0.3957
0.3596
7a1
0.4147
0.3814
7a2
0.4183
0.3898
7a3
0.4242
0.3919
7a4
0.4203
0.3833
0.4183
0.3898
0.4221
0.3984
0.4281
0.4006
0.4242
0.3919
0.4242
0.3919
0.4281
0.4006
0.4342
0.4028
0.4300
0.3939
0.4203
0.3833
0.4242
0.3919
0.4300
0.3939
0.4259
0.3853
7B1
0.4221
0.3984
7B2
0.4259
0.4073
7B3
0.4322
0.4096
7B4
0.4281
0.4006
0.4259
0.4073
0.4299
0.4165
0.4364
0.4188
0.4322
0.4096
0.4322
0.4096
0.4364
0.4188
0.4430
0.4212
0.4385
0.4119
0.4281
0.4006
0.4322
0.4096
0.4385
0.4119
0.4342
0.4028
7c1
0.4342
0.4028
7c2
0.4385
0.4119
7c3
0.4449
0.4141
7c4
0.4403
0.4049
0.4385
0.4119
0.4430
0.4212
0.4496
0.4236
0.4449
0.4141
0.4449
0.4141
0.4496
0.4236
0.4562
0.4260
0.4513
0.4164
0.4403
0.4049
0.4449
0.4141
0.4513
0.4164
0.4465
0.4071
7D1
0.4259
0.3853
7D2
0.4300
0.3939
7D3
0.4359
0.3960
7D4
0.4316
0.3873
0.4300
0.3939
0.4342
0.4028
0.4403
0.4049
0.4359
0.3960
0.4359
0.3960
0.4403
0.4049
0.4465
0.4071
0.4418
0.3981
0.4316
0.3873
0.4359
0.3960
0.4418
0.3981
0.4373
0.3893
8a1
0.4373
0.3893
8a2
0.4418
0.3981
8a3
0.4475
0.3994
8a4
0.4428
0.3906
0.4418
0.3981
0.4465
0.4071
0.4523
0.4085
0.4475
0.3994
0.4475
0.3994
0.4523
0.4085
0.4582
0.4099
0.4532
0.4008
0.4428
0.3906
0.4475
0.3994
0.4532
0.4008
0.4483
0.3919
8B1
0.4465
0.4071
8B2
0.4513
0.4164
8B3
0.4573
0.4178
8B4
0.4523
0.4085
0.4513
0.4164
0.4562
0.4260
0.4624
0.4274
0.4573
0.4178
0.4573
0.4178
0.4624
0.4274
0.4687
0.4289
0.4634
0.4193
0.4523
0.4085
0.4573
0.4178
0.4634
0.4193
0.4582
0.4099
8c1
0.4582
0.4099
8c2
0.4634
0.4193
8c3
0.4695
0.4207
8c4
0.4641
0.4112
0.4634
0.4193
0.4687
0.4289
0.4750
0.4304
0.4695
0.4207
0.4695
0.4207
0.4750
0.4304
0.4813
0.4319
0.4756
0.4221
0.4641
0.4112
0.4695
0.4207
0.4756
0.4221
0.4700
0.4126
8D1
0.4483
0.3919
8D2
0.4532
0.4008
8D3
0.4589
0.4021
8D4
0.4538
0.3931
0.4532
0.4008
0.4582
0.4099
0.4641
0.4112
0.4589
0.4021
0.4589
0.4021
0.4641
0.4112
0.4700
0.4126
0.4646
0.4034
0.4538
0.3931
0.4589
0.4021
0.4646
0.4034
0.4593
0.3944


Similar Part No. - XPCRED-L1-0000-00301

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPCRED-L1-0000-00301 CREE-XPCRED-L1-0000-00301 Datasheet
1Mb / 31P
   XLamp® XP-C LEDs
2008-2021
More results

Similar Description - XPCRED-L1-0000-00301

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XP-C CREE-XP-C Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-C LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DSXX CREE-CLD-DSXX Datasheet
1Mb / 20P
   Cree짰 XLamp짰 XP-E2 Color LEDs
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 XH Family LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com