Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON7421 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AON7421
Description  20V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7421 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AON7421 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7421 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7421 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7421 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7421 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7421 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AON7421
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
-V
GS(Volts)
Figure 2: Transfer Characteristics (Note E)
0
2
4
6
8
10
0
5
10
15
20
25
30
-I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=-4.5V
I
D=-20A
V
GS=-10V
I
D=-20A
V
GS=-2.5V
I
D=-20A
25°C
125°C
V
DS=-5V
V
GS=-4.5V
V
GS=-10V
0
20
40
60
80
100
120
0
1
2
3
4
5
-V
DS (Volts)
Fig 1: On-Region Characteristics (Note E)
-2V
-3V
-4.5V
-10V
-2.5V
V
GS=-1.5V
V
GS=-2.5V
40
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-V
SD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
(Note E)
0
3
6
9
12
15
18
0
2
4
6
8
10
-V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
I
D=-20A
25°C
125°C
Rev 0: Oct. 2011
www.aosmd.com
Page 3 of 6


Similar Part No. - AON7421

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7422 AOSMD-AON7422 Datasheet
256Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
AON7422E AOSMD-AON7422E Datasheet
245Kb / 6P
   30V N-Channel MOSFET
AON7422G AOSMD-AON7422G Datasheet
260Kb / 6P
   RoHS and Halogen-Free Compliant
logo
VBsemi Electronics Co.,...
AON7422L VBSEMI-AON7422L Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AON7423 AOSMD-AON7423 Datasheet
295Kb / 6P
   20V P-Channel MOSFET
More results

Similar Description - AON7421

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
   20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2301A GOOD-ARK-SSF2301A Datasheet
333Kb / 4P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
   20V P-Channel MOSFET
TSM3441 TSC-TSM3441_08 Datasheet
125Kb / 6P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
   20V P-Channel MOSFET
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
   20V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com