Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88CK9000 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT88CK9000
Description  Atmel Secure Personalization Kit for CryptoAuthentication
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88CK9000 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT88CK9000 Datasheet HTML 1Page - ATMEL Corporation AT88CK9000 Datasheet HTML 2Page - ATMEL Corporation AT88CK9000 Datasheet HTML 3Page - ATMEL Corporation AT88CK9000 Datasheet HTML 4Page - ATMEL Corporation AT88CK9000 Datasheet HTML 5Page - ATMEL Corporation AT88CK9000 Datasheet HTML 6Page - ATMEL Corporation AT88CK9000 Datasheet HTML 7Page - ATMEL Corporation AT88CK9000 Datasheet HTML 8Page - ATMEL Corporation AT88CK9000 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Atmel AT88CK9000 Secure Personalization Kit for CryptoAuthentication [User Guide]
8821A–CRYPTO–6/12
Features
Single push-button triggers parallel programming
Supports programming of up to 10 devices at a time for SOIC package
Supports programming of up to 5 devices at a time for TSSOP, UDFN, or TSSOP
Provides the following feedback:
Serial number
Programming count
Programming limitation count
Firmware version
Device and protocol
Verification cycle
Status lights for Pass/Fail per device
Visual feedback while programming (push button light is on)
Embedded power controller
Provides power to DUTs only when programming — load/unload safe
Detects when devices are positioned backwards and cuts power to protect the board
Standard micro-USB used for power and configuration
Contents
Atmel® AT88CK9000 board
Universal power supply adaptor
0.5M USB cable
Introduction
The Atmel AT88CK9000 secure personalization kit has been developed to securely personalize the Atmel
CryptoAuthenticationATSHA204 device. Depending on the ordering code, the kit can securely
personalize 8-lead SOIC, 8-lead TSSOP, 8-pad UDFN, and 3-lead SOT23 package types. The 8-lead
SOIC kit has sockets that can accommodate two devices per socket making it capable of personalizing up
to 10 devices at a time. Safety and security has been added to ensure secure high-reliability programming.
The AT88CK9000 kit interfaces to the Atmel Crypto Evaluation Studio (ACES) software suite to provide
communication to a PC via a USB interface. This allows trusted users to program the board outside of the
manufacturing environment. Once programmed, the board becomes a standalone board. As a standalone
board, it only requires power, after which, will allow the programming of the ATSHA204 devices. In
addition, this board has an internal counter to keep track of how many devices were programmed, both in
total, as well as by session.


Similar Part No. - AT88CK9000

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88CK101STK3 ATMEL-AT88CK101STK3 Datasheet
359Kb / 7P
   Atmel CryptoAuthentication Evaluation Kit
AT88CK101STK8 ATMEL-AT88CK101STK8 Datasheet
359Kb / 7P
   Atmel CryptoAuthentication Evaluation Kit
AT88CK109STK3 ATMEL-AT88CK109STK3 Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
AT88CK109STK3 ATMEL-AT88CK109STK3 Datasheet
359Kb / 7P
   Atmel CryptoAuthentication Evaluation Kit
AT88CK109STK8 ATMEL-AT88CK109STK8 Datasheet
359Kb / 7P
   Atmel CryptoAuthentication Evaluation Kit
More results

Similar Description - AT88CK9000

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88CK454BLACK ATMEL-AT88CK454BLACK Datasheet
359Kb / 7P
   Atmel CryptoAuthentication Evaluation Kit
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
   Atmel CryptoAuthentication
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
ATSHA204 ATMEL-ATSHA204 Datasheet
1Mb / 65P
   Atmel CryptoAuthentication
ATSHA204 ATMEL-ATSHA204_14 Datasheet
1Mb / 80P
   Atmel CryptoAuthentication
AT88SA102S ATMEL-AT88SA102S_10 Datasheet
262Kb / 24P
   Atmel CryptoAuthentication
AT88SA10HS ATMEL-AT88SA10HS_11 Datasheet
248Kb / 25P
   Atmel CryptoAuthentication Host Security Chip
AT88SA10HS ATMEL-AT88SA10HS_10 Datasheet
282Kb / 23P
   Atmel CryptoAuthentication Host Security Chip
AT88SA100S ATMEL-AT88SA100S_11 Datasheet
240Kb / 24P
   Atmel CryptoAuthentication Battery Authentication Chip
AT88SA102S ATMEL-AT88SA102S_11 Datasheet
250Kb / 26P
   Atmel CryptoAuthentication Product Authentication Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com