Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA5943B Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 1SMA5943B
Description  PLASTIC SURFACE MOUNT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1SMA5943B Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  1SMA5943B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1SMA5943B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd 1SMA5943B Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd 1SMA5943B Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
Voltage Range – 3.3 to 240 V
Mechanical Data
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
• ESD Rating of Class 3 (>16 kV) per Human Body Model
• Flat Handling Surface for Accurate Placement
• Package Design for Top Side or Bottom Circuit Board Mounting
• Low Profile Package
• Available in Tape and Reel
• Ideal Replacement for MELF Packages
• Case: Void–free, transfer-molded plastic
• Maximum Case Temperature for Soldering Purposes: 260°C for
10 seconds
• Finish: All external surfaces are corrosion resistant with readily solderable
leads
• Polarity: Cathode indicated by molded polarity notch
• Mounted Position: Any
Rating at 25
°C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
DC Power Dissipation @ TL = 75 °C
1.5
W
Measured zero lead length(1" square copper pad, FR-4 board)
20
Derate above 75 °C
Thermal Resistance Junction to Lead
RӨJL
50
DC Power Dissipation @ Ta = 25 °C
0.5
W
(FR-4 board) Derate above 25 °C
4.0
Thermal Resistance Junction to Ambient
RӨJA
250
Maximum Forward Voltage at IF = 200 mA
VF
Operating Junction and Storang Temperature Range
TJ, TSTG
V
°C
1.5
- 65 to + 150
°C/W
mW/°C
mW/°C
PD
°C/W
PD
PLASTIC SURFACE MOUNT ZENER DIODES
3.3V-240V
1.5mA-113.8mA
1SMA5913B THRU 1SMA5957B


Similar Part No. - 1SMA5943B

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1SMA5943B KEXIN-1SMA5943B Datasheet
66Kb / 2P
   Surface Mount Zener Diodes
logo
SynSemi, Inc.
1SMA5943B SYNSEMI-1SMA5943B Datasheet
82Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1SMA5943B EIC-1SMA5943B Datasheet
102Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
First Components Intern...
1SMA5943B FCI-1SMA5943B Datasheet
1Mb / 3P
   1.5 WATTS Surface Mount Zener Diode Polarity: cathode band
logo
SUNMATE electronic Co.,...
1SMA5943B SUNMATE-1SMA5943B Datasheet
325Kb / 2P
   1.5 Watts Surface Mount Zener Diodes
More results

Similar Description - 1SMA5943B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
AZ23CXXXW SECOS-AZ23CXXXW Datasheet
492Kb / 2P
   Surface Mount Plastic-Encapsulated Zener Diodes
AZ23CXXXW SECOS-AZ23CXXXW_15 Datasheet
492Kb / 2P
   Surface Mount Plastic-Encapsulated Zener Diodes
AZ23C5V6W SECOS-AZ23C5V6W Datasheet
487Kb / 2P
   Surface Mount Plastic-Encapsulated Zener Diodes
logo
SEC Electronics Inc.
AZ23CXXXW SECELECTRONICS-AZ23CXXXW Datasheet
492Kb / 2P
   Surface Mount Plastic-Encapsulated Zener Diodes
logo
Motorola, Inc
1SMB5913A MOTOROLA-1SMB5913A Datasheet
189Kb / 4P
   1.5Watt Plastic Surface Mount Silicon Zener Diodes
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com