Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSHA204 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATSHA204
Description  Atmel CryptoAuthentication
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSHA204 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATSHA204 Datasheet HTML 7Page - ATMEL Corporation ATSHA204 Datasheet HTML 8Page - ATMEL Corporation ATSHA204 Datasheet HTML 9Page - ATMEL Corporation ATSHA204 Datasheet HTML 10Page - ATMEL Corporation ATSHA204 Datasheet HTML 11Page - ATMEL Corporation ATSHA204 Datasheet HTML 12Page - ATMEL Corporation ATSHA204 Datasheet HTML 13Page - ATMEL Corporation ATSHA204 Datasheet HTML 14Page - ATMEL Corporation ATSHA204 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
Atmel ATSHA204 [DATASHEET]
11
8740D
−CRYPTO−3/12
2.2
Static RAM (SRAM)
The device includes an SRAM array that is used to store the input command or output result, intermediate computation values,
and/or an ephemeral key. The entire contents of this memory are always invalidated whenever the device goes into sleep
mode or the power is removed. The ephemeral key is named TempKey, and can be used as an input to the MAC, HMAC,
CheckMac, GenDig, and DeriveKey commands. It is also used as the data protection (encryption or decryption) key by the
Read and Write commands. See below for more details on TempKey.
2.2.1
TempKey
TempKey is a storage register in the SRAM array that can be used to store an ephemeral result value from the Nonce or
GenDig commands. The contents of this register can never be read from the device (although the device itself can read and
use the contents internally).
This register contains the elements shown in Table 2-8.
Table 2-8.
TempKey Storage Register
Name
Length
Description
TempKey
256 bits
(32 bytes)
Nonce (from nonce command) or Digest (from GenDig command)
KeyID
4 bits
If TempKey was generated by GenDig (see the GenData and CheckFlag bits), these bits
indicate which key was used in its computation. The four bits represent one of the slots of
the data zone.
SourceFlag
1 bit
The source of the randomness in TempKey:
0 = Internally generated random number (Rand).
1 = Input seed only, no internal random generation (Input).
GenData
1 bit
0 = TempKey.KeyID is not meaningful, and is ignored.
1 = The contents of TempKey were generated by GenDig using one of the slots in the data
zone (and TempKey.KeyID will be meaningful).
CheckFlag
1 bit
If 1, the contents of TempKey were generated by the GenDig command and at least one of
the keys used in that generation is restricted to the CheckMac command
(SlotConfig.CheckOnly is 1). Otherwise, this bit will be 0.
Valid
1 bit
0 = The information in TempKey is invalid.
1 = The information in TempKey is valid.
In this specification, the name “TempKey” refers to the contents of the 256-bit data register. The remaining bit fields are
referred to as TempKey.SourceFlag, TempKey.GenData, and so on.
The TempKey.Valid bit is cleared to zero under any of the following circumstances:
Power up, sleep, brown out, watchdog expiration, or tamper detection. The contents of TempKey, however, are
retained when the device enters idle mode.
After the execution of any command other than Nonce or GenDig, regardless of whether or not the command
execution succeeds. It may be cleared by the CheckMac command unless a successful copy takes place. It is not
cleared if there is a communications problem, as evidenced by a cyclic redundancy check (CRC) error.
An error during the parsing or execution of GenDig and/or Nonce.
Execution of GenDig replaces any previous output of the Nonce command with the output of the GenDig command.
Execution of the Nonce command likewise replaces any previous output of the GenDig command.


Similar Part No. - ATSHA204

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSHA204A ATMEL-ATSHA204A Datasheet
715Kb / 2P
   CryptoAuthentication Familyof Crypto Elements withHardware-Based Key Storage
ATSHA204A-MAHCZ-T ATMEL-ATSHA204A-MAHCZ-T Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
ATSHA204A-MAHDA-T ATMEL-ATSHA204A-MAHDA-T Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
ATSHA204A-MXHCZ-T ATMEL-ATSHA204A-MXHCZ-T Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
ATSHA204A-MXHDA-T ATMEL-ATSHA204A-MXHDA-T Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
More results

Similar Description - ATSHA204

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
   Atmel CryptoAuthentication
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
ATSHA204 ATMEL-ATSHA204_14 Datasheet
1Mb / 80P
   Atmel CryptoAuthentication
AT88SA102S ATMEL-AT88SA102S_10 Datasheet
262Kb / 24P
   Atmel CryptoAuthentication
AT88SA10HS ATMEL-AT88SA10HS_11 Datasheet
248Kb / 25P
   Atmel CryptoAuthentication Host Security Chip
AT88SA10HS ATMEL-AT88SA10HS_10 Datasheet
282Kb / 23P
   Atmel CryptoAuthentication Host Security Chip
AT88CK454BLACK ATMEL-AT88CK454BLACK Datasheet
359Kb / 7P
   Atmel CryptoAuthentication Evaluation Kit
AT88SA100S ATMEL-AT88SA100S_11 Datasheet
240Kb / 24P
   Atmel CryptoAuthentication Battery Authentication Chip
AT88SA102S ATMEL-AT88SA102S_11 Datasheet
250Kb / 26P
   Atmel CryptoAuthentication Product Authentication Chip
AT88CK9000 ATMEL-AT88CK9000 Datasheet
2Mb / 14P
   Atmel Secure Personalization Kit for CryptoAuthentication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com