Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLIN-20F1AX Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # SLIN-20F1AX
Description  2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-20F1AX Datasheet(HTML) 4 Page - Bel Fuse Inc.

  SLIN-20F1AX Datasheet HTML 1Page - Bel Fuse Inc. SLIN-20F1AX Datasheet HTML 2Page - Bel Fuse Inc. SLIN-20F1AX Datasheet HTML 3Page - Bel Fuse Inc. SLIN-20F1AX Datasheet HTML 4Page - Bel Fuse Inc. SLIN-20F1AX Datasheet HTML 5Page - Bel Fuse Inc. SLIN-20F1AX Datasheet HTML 6Page - Bel Fuse Inc. SLIN-20F1AX Datasheet HTML 7Page - Bel Fuse Inc. SLIN-20F1AX Datasheet HTML 8Page - Bel Fuse Inc. SLIN-20F1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
4
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output
December 2, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
General Specifications
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
Vo=0.6V
Vo=1.2V
Vo=1.8V
Vo=2.5V
Vo=3.3V
-
-
-
-
-
70.0
81.9
87.3
90.8
92.9
-
-
-
-
-
%
%
%
%
%
Vin= 3.3Vdc, Ta=25°C
Io=Io, max , Vo= Vo,set
Vin=5.0V, when Vo=3.3V
Switching Frequency
-
600
-
kHz
Over Temperature Protection
-
144
-
°C
Sequencing Delay time
10
-
-
mS
Delay from VIN, min to application of
voltage on SEQ pin
Tracking Accuracy
Power-Up: 2V/ms
Power-Down: 2V/ms
-
-
-
-
100
100
mV
mV
VIN, min to VIN, max; IO, min - IO, max
VSEQ < Vo
Weight
-
6.03
-
g
MTBF
7,868,128
hours
Calculated MTBF (Vin=5V,
Io=80% full load, Ta=40°C)
Telcordia Issue 2, Method I Case
3
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.30 x 0.53 x 0.334
33.02 x 13.46 x 8.50
-
Note: Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and
temperature conditions.


Similar Part No. - SLIN-20F1AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
More results

Similar Description - SLIN-20F1AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-12F1AX BEL-SLIN-12F1AX Datasheet
439Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
SLIN-12F2AX BEL-SLIN-12F2AX Datasheet
430Kb / 25P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
SRPE-02E1A0 BEL-SRPE-02E1A0 Datasheet
1Mb / 12P
   5.5 Vdc - 13.2 Vdc Input 0.6 Vdc - 5.5 Vdc / 1.5 A Output
SLAN-20D1AX BEL-SLAN-20D1AX Datasheet
1Mb / 26P
   3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /20 A Outputs
SLAN-12D2AX BEL-SLAN-12D2AX Datasheet
1Mb / 26P
   3 Vdc - 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /12 A Outputs
SLAN-06D2AX BEL-SLAN-06D2AX Datasheet
1Mb / 25P
   3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /6 A Outputs
SRBC-16E4AX BEL-SRBC-16E4AX Datasheet
475Kb / 14P
   4.5 Vdc - 14 Vdc Input 0.75 Vdc - 3.63 Vdc/16 A Output
VRP3-60E1A0 BEL-VRP3-60E1A0_10 Datasheet
742Kb / 11P
   5 Vdc - 13.8 Vdc Input 0.6 Vdc - 5.0 Vdc/60 A Output
VRNE-60ED BEL-VRNE-60ED Datasheet
639Kb / 11P
   6 VDC ??13.8 VDC Input 0.6 VDC ??2.0 VDC /30 A Output
SRBC-30E2AL BEL-SRBC-30E2AL_10 Datasheet
256Kb / 9P
   6 Vdc - 14 Vdc Input 0.8 Vdc - 3.63 Vdc/25 A or 30 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com