Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y-CONC-R82CUFE2L-2000-C Datasheet(PDF) 11 Page - Yamaichi Electronics Co., Ltd.

Part # Y-CONC-R82CUFE2L-2000-C
Description  IP67/68/69K Protected Components
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

Y-CONC-R82CUFE2L-2000-C Datasheet(HTML) 11 Page - Yamaichi Electronics Co., Ltd.

Back Button Y-CONC-R82CUFE2L-2000-C Datasheet HTML 7Page - Yamaichi Electronics Co., Ltd. Y-CONC-R82CUFE2L-2000-C Datasheet HTML 8Page - Yamaichi Electronics Co., Ltd. Y-CONC-R82CUFE2L-2000-C Datasheet HTML 9Page - Yamaichi Electronics Co., Ltd. Y-CONC-R82CUFE2L-2000-C Datasheet HTML 10Page - Yamaichi Electronics Co., Ltd. Y-CONC-R82CUFE2L-2000-C Datasheet HTML 11Page - Yamaichi Electronics Co., Ltd. Y-CONC-R82CUFE2L-2000-C Datasheet HTML 12Page - Yamaichi Electronics Co., Ltd. Y-CONC-R82CUFE2L-2000-C Datasheet HTML 13Page - Yamaichi Electronics Co., Ltd. Y-CONC-R82CUFE2L-2000-C Datasheet HTML 14Page - Yamaichi Electronics Co., Ltd. Y-CONC-R82CUFE2L-2000-C Datasheet HTML 15Page - Yamaichi Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
10
Outline Dimensions
Part No.: Y-ConAS-12
Description:
IP20 EMI metal cover against EMI interference,
with integrated latch protection.
For use with all Y-Con plugs
IP20 EMV Metall Steckergehäuse gegen elektromagnetische
Beeinflussung, mit integriertem Verriegelungsschutz.
Für den Einsatz mit allen Y-Con Kabelsteckern
Material:
Cover
Die-cast zinc
Gehäuse
Screw
Steel
Schraube
Specifications:
Operating Temp.: -40°C ~ +80°C
Betriebstemp.
IP20 protective
transport cap for
all Y-Con plugs
IP20 Transportschutz-
abdeckung für alle Y-Con
Kabelstecker.
Material:
PE
Colour.:
Transparent white
Farbe
Specifications:
Operating Temp.: -20°C ~ +80°C
Betriebstemp.
Series
Design Number
Y-ConCover - 20
Part Number (Details)
Accessories


Similar Part No. - Y-CONC-R82CUFE2L-2000-C

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
Y-CONC-R82CU-CU2L-2000-A YAMAHA-Y-CONC-R82CU-CU2L-2000-A Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-R82CU-CU2L-2000-B YAMAHA-Y-CONC-R82CU-CU2L-2000-B Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-R82CU-CU2L-2000-C YAMAHA-Y-CONC-R82CU-CU2L-2000-C Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-R82CU-CU2M-2000-A YAMAHA-Y-CONC-R82CU-CU2M-2000-A Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-R82CU-CU2M-2000-B YAMAHA-Y-CONC-R82CU-CU2M-2000-B Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
More results

Similar Description - Y-CONC-R82CUFE2L-2000-C

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
Y-CONCOVER-10-X-X YAMAHA-Y-CONCOVER-10-X-X Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
logo
Yamaichi Electronics Co...
Y-CONSWITCH-1UP7 YAMAICHI-Y-CONSWITCH-1UP7 Datasheet
277Kb / 1P
   IP67 Protected 10BaseT / 100Base-TX Ethernet Switch
logo
List of Unclassifed Man...
JR25WCCA-12 ETC2-JR25WCCA-12 Datasheet
549Kb / 8P
   IP67 waterproof protected heavy duty metal shell connectors
logo
PHOENIX CONTACT
1261657 PHOENIX-1261657 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K
Dec 2, 2022
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K
Dec 2, 2022
1261659 PHOENIX-1261659 Datasheet
203Kb / 6P
   Monitor - FPM 23.8 69K
Dec 2, 2022
1261662 PHOENIX-1261662 Datasheet
206Kb / 6P
   Monitor - FPM 23.8 69K SP
Dec 2, 2022
1261656 PHOENIX-1261656 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K SP
Dec 2, 2022
1261658 PHOENIX-1261658 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K SP
Dec 2, 2022
1262469 PHOENIX-1262469 Datasheet
211Kb / 7P
   Panel PC - PPC 17.3 AIO 69K
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com