Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSC018-SU-CM Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATSC018-SU-CM
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSC018-SU-CM Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATSC018-SU-CM Datasheet HTML 6Page - ATMEL Corporation ATSC018-SU-CM Datasheet HTML 7Page - ATMEL Corporation ATSC018-SU-CM Datasheet HTML 8Page - ATMEL Corporation ATSC018-SU-CM Datasheet HTML 9Page - ATMEL Corporation ATSC018-SU-CM Datasheet HTML 10Page - ATMEL Corporation ATSC018-SU-CM Datasheet HTML 11Page - ATMEL Corporation ATSC018-SU-CM Datasheet HTML 12Page - ATMEL Corporation ATSC018-SU-CM Datasheet HTML 13Page - ATMEL Corporation ATSC018-SU-CM Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
AT88SCK109STK3
3-8
AT88CK109STK3 User Guide
8699A—CRYPTO—10/09
3.4
AT90USB1287 AVR Microcontroller
To use the USB interface of the AT90USB1287, the clock source should always be a crystal or an
external clock oscillator (the internal 8MHz RC oscillator cannot be used to operate the USB
interface). Only the following crystal frequencies allow proper USB operations: 2MHz, 4MHz,
6MHz, 8MHz, 12MHz, and 16MHz. The AT88Microbase comes with a default 16MHz crystal
oscillator, which is required to obtain the 230.4K USART baud rate needed for
CryptoAuthentication communication.
3.5
Serial Links
3.5.1
USB
The AT88Microbase is supplied with a standard USB Type-A receptacle. The AT88Microbase only
operates as an “USB device”.
Figure 6.
USB Type-A Receptacle
3.5.2
USART
The AT90USB1287 AVR comes with an on-chip USART peripheral (USART1).
Only the
asynchronous mode is supported. See section 3.6.3 for pinout details.
3.5.3
SPI / TWI Selector Switch
The SPI – TWI selector switch (K1) allows either the SPI pins (MOSI and SCLK) or the TWI pins
(SDA and SCL) to be routed to the 10 pin Interface header, J1. See section 3.6.3 for pinout details.
Figure 7.
TWI – SPI Selector Switch


Similar Part No. - ATSC018-SU-CM

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
ATSC-1603I ALLIED-ATSC-1603I Datasheet
485Kb / 2P
   T1/CEPT/ISDN-Pri Isolation Module
ATSC-3201I ALLIED-ATSC-3201I Datasheet
530Kb / 2P
   T1/CEPT/ISDN-Pri Isolation Module
ATSC-3938I ALLIED-ATSC-3938I Datasheet
737Kb / 1P
   T1/CEPT/ISDN-Pri Isolation Module
ATSC-4001S ALLIED-ATSC-4001S Datasheet
494Kb / 2P
   T1/CEPT/ISDN-Pri Isolation Module
logo
Analog Technologies, In...
ATSC10KF1-E1 ANALOGTECHNOLOGIES-ATSC10KF1-E1 Datasheet
320Kb / 3P
   Stainless Steel Capped Thermistor
1/28/2022
More results

Similar Description - ATSC018-SU-CM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
logo
EHAOAN.
HS538 EHAOAN-HS538 Datasheet
1Mb / 8P
   2.7V or 5.5V supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com