Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1111C-TR Datasheet(PDF) 7 Page - ATMEL Corporation

Part # MB1111C-TR
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MB1111C-TR Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button MB1111C-TR Datasheet HTML 3Page - ATMEL Corporation MB1111C-TR Datasheet HTML 4Page - ATMEL Corporation MB1111C-TR Datasheet HTML 5Page - ATMEL Corporation MB1111C-TR Datasheet HTML 6Page - ATMEL Corporation MB1111C-TR Datasheet HTML 7Page - ATMEL Corporation MB1111C-TR Datasheet HTML 8Page - ATMEL Corporation MB1111C-TR Datasheet HTML 9Page - ATMEL Corporation MB1111C-TR Datasheet HTML 10Page - ATMEL Corporation MB1111C-TR Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Section 3
Using the AT88CK109STK3
This chapter describes the features of the AT88Microbase and the AT88CK109BK3 boards
.
3.1
Overview
Figure 2.
AT88Microbase Components (front side)
USB Type-A
PWR
LED
Hardware
Boot (HWB)
JTAG
LED
Bank
Buzzer Reset
TWI / SPI
Selector
switch
10-Pin
Interface
Header
(J1)


Similar Part No. - MB1111C-TR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MB11101BAN MURATA-MB11101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB11101BBN MURATA-MB11101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB11101CAN MURATA-MB11101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB11101CBN MURATA-MB11101CBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MB11101DAN MURATA-MB11101DAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB1111C-TR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
logo
EHAOAN.
HS538 EHAOAN-HS538 Datasheet
1Mb / 8P
   2.7V or 5.5V supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com