Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGJ3J2X7R1C105JTXXXX Datasheet(PDF) 7 Page - TDK Electronics

Part # CGJ3J2X7R1C105JTXXXX
Description  CGJ Series Extended Life Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ3J2X7R1C105JTXXXX Datasheet(HTML) 7 Page - TDK Electronics

Back Button CGJ3J2X7R1C105JTXXXX Datasheet HTML 3Page - TDK Electronics CGJ3J2X7R1C105JTXXXX Datasheet HTML 4Page - TDK Electronics CGJ3J2X7R1C105JTXXXX Datasheet HTML 5Page - TDK Electronics CGJ3J2X7R1C105JTXXXX Datasheet HTML 6Page - TDK Electronics CGJ3J2X7R1C105JTXXXX Datasheet HTML 7Page - TDK Electronics CGJ3J2X7R1C105JTXXXX Datasheet HTML 8Page - TDK Electronics CGJ3J2X7R1C105JTXXXX Datasheet HTML 9Page - TDK Electronics CGJ3J2X7R1C105JTXXXX Datasheet HTML 10Page - TDK Electronics CGJ3J2X7R1C105JTXXXX Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Capacitance
(pF)
Cap
Code
Tolerance
C0G
1H
(50V)
270
271
J: ± 5%
330
331
390
391
470
471
560
561
680
681
820
821
1,000
102
1,200
122
1,500
152
1,800
182
2,200
222
2,700
272
3,300
332
3,900
392
4,700
472
5,600
562
6,800
682
8,200
822
10,000
103
TDK MLCC US Catalog
Version C11
Page 6
Capacitance
Range Chart
CGJ3 [EIA CC0603]
Capacitance Range Chart
Temperature Characteristics: C0G (0±30 ppm/ºC)
Rated Voltage: 50V (1H)
Capacitance Range Chart
Temperature Characteristics: X7R (± 15%)
Rated Voltage: 50V (1H), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Standard
Thickness
0.80 mm
Capacitance
(pF)
Cap
Code
Tolerance
X7R
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
10,000
103
K: ± 10%
15,000
153
22,000
223
33,000
333
47,000
473
68,000
683
100,000
104
330,000
334
470,000
474
680,000
684
1,000,000
105
Standard
Thickness
0.80 mm


Similar Part No. - CGJ3J2X7R1C105JTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3J2X7R1C105J TDK-CGJ3J2X7R1C105J Datasheet
1Mb / 12P
   CGJ series l High Reliability Series
More results

Similar Description - CGJ3J2X7R1C105JTXXXX

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ2B2C0G1H101J TDK-CGJ2B2C0G1H101J Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ5L2X7R0J106KTXXXX TDK-CGJ5L2X7R0J106KTXXXX Datasheet
291Kb / 2P
   Extended Life MLCC
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
   Extended Life, 2000 hours
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
   Extended life 2000 hour
logo
Tadiran Batteries GmbH
SL-850 TADIRN-SL-850 Datasheet
363Kb / 1P
   XOL ??extended operating life
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
   Extended Life, 3000 hours
TMA ILLINOISCAPACITOR-TMA Datasheet
261Kb / 3P
   Extended Life - High voltage
logo
Tadiran Batteries GmbH
SL-860 TADIRN-SL-860 Datasheet
383Kb / 1P
   XOL ??extended operating life
SL-861 TADIRN-SL-861 Datasheet
385Kb / 1P
   XOL ??extended operating life
SL-2880 TADIRN-SL-2880 Datasheet
408Kb / 1P
   XOL ??extended operating life
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com