Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3176N Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA3176N
Description  IF Amplifier for FM Receiver (AFC Supported)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3176N Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA3176N Datasheet HTML 2Page - Sony Corporation CXA3176N Datasheet HTML 3Page - Sony Corporation CXA3176N Datasheet HTML 4Page - Sony Corporation CXA3176N Datasheet HTML 5Page - Sony Corporation CXA3176N Datasheet HTML 6Page - Sony Corporation CXA3176N Datasheet HTML 7Page - Sony Corporation CXA3176N Datasheet HTML 8Page - Sony Corporation CXA3176N Datasheet HTML 9Page - Sony Corporation CXA3176N Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
—6—
CXA3176N
Electrical Characteristics Measurement Circuit
Measurement circuit 2
Measurement circuit 4
Measurement circuit 6
Measurement circuit 1
Measurement circuit 3
Measurement circuit 5
VCC
V1
1.4V
V3
3.0V
20
19
18
17
16
15
14
13
24
23
22
21
A
A
V2
V
V4
1
2
3
4
5
6
7
8
9
10
12
11
VCC
V1
1.4V
V3
3V
V2
1.0V
GND
V3
0.5V
GND
V
20
19
18
17
16
15
14
13
24
23
22
21
1
2
3
4
5
6
7
8
9
10
12
11
100µA
VCC
V3
3V
V2
1.0V
1
2
3
4
5
6
7
8
9
10
12
11
V
V1
1.4V
50µA
20
19
18
17
16
15
14
13
24
23
22
21
22p
15p
5.6k
1200p
1
2
3
4
5
6
7
8
9
10
12
11
VCC
V1
1.4V
1000p
10p to
120p
Vin
1.8µ
V3
3.0V
V2
1.0V
V
20
19
18
17
16
15
14
13
24
23
22
21
VCC
V3
3V
V2
1.0V
V1
1.4 to 1.0V
1
2
3
4
5
6
7
8
9
10
12
11
V
100k
A
20
19
18
17
16
15
14
13
24
23
22
21
VCC
V3
3V
V2
1.0V
V1
1.4V
100p
1
2
3
4
5
6
7
8
9
10
12
11
V
20
19
18
17
16
15
14
13
24
23
22
21


Similar Part No. - CXA3176N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3176N SONY-CXA3176N Datasheet
27Kb / 2P
   Achieving Low Power and High Speed in Paging System IF IC
More results

Similar Description - CXA3176N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
logo
Toshiba Semiconductor
1SV160 TOSHIBA-1SV160 Datasheet
104Kb / 2P
   VARIABLE CAPACITANCE DIODE (AFC APLICATION FOR FM RECEIVER)
logo
Samsung semiconductor
KA8513B SAMSUNG-KA8513B Datasheet
53Kb / 6P
   FM IF RECEIVER
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
   FM IF RECEIVER
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
   FM IF RECEIVER
S1T8515A SAMSUNG-S1T8515A Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8515 SAMSUNG-KA8515 Datasheet
146Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
DS_S1T8515A01 SAMSUNG-DS_S1T8515A01 Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8516 SAMSUNG-KA8516 Datasheet
150Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
   Integrated Circuit IF System for FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com