Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR0603-16W-1001FT Datasheet(PDF) 11 Page - ATMEL Corporation

Part # CR0603-16W-1001FT
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

CR0603-16W-1001FT Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button CR0603-16W-1001FT Datasheet HTML 7Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 8Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 9Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 10Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 11Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 12Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 13Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 14Page - ATMEL Corporation CR0603-16W-1001FT Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
3.6
On-board Resources
3.6.1
Description of LED Bank
The AT88Microbase includes 3 general purpose red LEDs, which are connected to PD6, PD5 and
PD4. To light an LED, the corresponding port pin must be driven high. To turn off an LED, the
corresponding port pin must be driven low.
Figure 8.
LEDs Implementation Schematic
Note
: AVR can source or sink enough current to drive an LED directly.
3.6.2
Buzzer
The small onboard buzzer adds audio capability to the AT88Microbase board. The buzzer requires
that PD7 be driven with a square wave at 4.0 0.5
KHz to achieve a maximum decibel of 78dB.
SPI
TWI
SPI
TWI
K1
TWI Position
K1
SPI Position


Similar Part No. - CR0603-16W-1001FT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CR0603-16W-1004F SILABS-CR0603-16W-1004F Datasheet
684Kb / 36P
   Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
More results

Similar Description - CR0603-16W-1001FT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
logo
EHAOAN.
HS538 EHAOAN-HS538 Datasheet
1Mb / 8P
   2.7V or 5.5V supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com