Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1513-E-SP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F1513-E-SP
Description  28-Pin Flash Microcontrollers with XLP Technology
Download  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1513-E-SP Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F1513-E-SP Datasheet HTML 1Page - Microchip Technology PIC16F1513-E-SP Datasheet HTML 2Page - Microchip Technology PIC16F1513-E-SP Datasheet HTML 3Page - Microchip Technology PIC16F1513-E-SP Datasheet HTML 4Page - Microchip Technology PIC16F1513-E-SP Datasheet HTML 5Page - Microchip Technology PIC16F1513-E-SP Datasheet HTML 6Page - Microchip Technology PIC16F1513-E-SP Datasheet HTML 7Page - Microchip Technology PIC16F1513-E-SP Datasheet HTML 8Page - Microchip Technology PIC16F1513-E-SP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 348 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS41624B-page 3
High-Performance RISC CPU:
• C Compiler Optimized Architecture
• Only 49 Instructions
• Up to 7 Kbytes Linear Program Memory
Addressing
• Up to 256 Bytes Linear Data Memory Addressing
• Operating Speed:
- DC – 20 MHz clock input @ 2.5V
- DC – 16 MHz clock input @ 1.8V
- DC – 200 ns instruction cycle
• Interrupt Capability with Automatic Context
Saving
• 16-Level Deep Hardware Stack with Optional
Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
- Two full 16-bit File Select Registers (FSRs)
- FSRs can read program and data memory
Flexible Oscillator Structure:
• 16 MHz Internal Oscillator Block:
- Factory calibrated to ± 1%, typical
- Software selectable frequency range from
16 MHz to 31 kHz
• 31 kHz Low-Power Internal Oscillator
• External Oscillator Block with:
- Four crystal/resonator modes up to 20 MHz
- Three external clock modes up to 20 MHz
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if peripheral clock
stops
• Two-Speed Oscillator Start-up
• Oscillator Start-up Timer (OST)
Analog Features:
• Analog-to-Digital Converter (ADC):
- 10-bit resolution
- Up to 17 channels
- Special Event Triggers
- Conversion available during Sleep
- Hardware Capacitive Voltage Divider (CVD)
- Double sample conversions
- Two result registers
- Inverted acquisition
- 7-bit pre-charge timer
- 7-bit acquisition timer
- Two guard ring output drives
- Adjustable sample and hold capacitor array
• Voltage Reference module:
- Fixed Voltage Reference (FVR) with 1.024V,
2.048V and 4.096V output levels
• Integrated Temperature Indicator
Extreme Low-Power Management
PIC16LF1512/3 with XLP:
• Sleep mode: 20 nA @ 1.8V, typical
• Watchdog Timer: 300 nA @ 1.8V, typical
• Secondary Oscillator: 600 nA @ 32 kHz, 1.8V,
typical
• Operating Current: 30
A/MHz @ 1.8V, typical
Special Microcontroller Features:
• Operating Voltage Range:
- 2.3V-5.5V (PIC16F1512/3)
- 1.8V-3.6V (PIC16LF1512/3)
• Self-Programmable under Software Control
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Programmable Low-Power Brown-out Reset
(LPBOR)
• Extended Watchdog Timer (WDT)
• In-Circuit Serial Programming™ (ICSP™) via
Two Pins
• In-Circuit Debug (ICD) via Two Pins
• Enhanced Low-Voltage Programming (LVP)
• Programmable Code Protection
• Low-Power Sleep mode
• 128 Bytes High-Endurance Flash:
- 100,000 write Flash endurance (minimum)
Peripheral Highlights:
• Up to 25 I/O Pins (1 input-only pin):
- High current sink/source 25 mA/25 mA
- Individually programmable weak pull-ups
- Individually programmable interrupt-on-change
(IOC) pins
• Timer0: 8-Bit Timer/Counter with 8-Bit Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
- Low-power 32 kHz secondary oscillator driver
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Two Capture/Compare (CCP) modules:
• Master Synchronous Serial Port (MSSP) with SPI
and I2CTM with:
- 7-bit address masking
- SMBus/PMBusTM compatibility
• Enhanced Universal Synchronous Asynchronous
Receiver Transmitter (EUSART) module:
- RS-232, RS-485 and LIN compatible
- Auto-Baud Detect
- Auto-wake-up on start
PIC16(L)F1512/3
28-Pin Flash Microcontrollers with XLP Technology


Similar Part No. - PIC16F1513-E-SP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1513 MICROCHIP-PIC16F1513 Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1513T-EMVQTP MICROCHIP-PIC16F1513T-EMVQTP Datasheet
5Mb / 348P
   28-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1513T-EMVSQTP MICROCHIP-PIC16F1513T-EMVSQTP Datasheet
5Mb / 348P
   28-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1513T-EPQTP MICROCHIP-PIC16F1513T-EPQTP Datasheet
5Mb / 348P
   28-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1513T-EPSQTP MICROCHIP-PIC16F1513T-EPSQTP Datasheet
5Mb / 348P
   28-Pin Flash Microcontrollers with XLP Technology
11/29/11
More results

Similar Description - PIC16F1513-E-SP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1512-I MICROCHIP-PIC16F1512-I Datasheet
5Mb / 348P
   28-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F722AT-ISS MICROCHIP-PIC16F722AT-ISS Datasheet
3Mb / 286P
   28-Pin Flash Microcontrollers with nanoWatt XLP Technology
11/29/11
PIC16F722A MICROCHIP-PIC16F722A Datasheet
3Mb / 284P
   28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF1847 MICROCHIP-PIC16LF1847_13 Datasheet
7Mb / 440P
   18/20/28-Pin Flash Microcontrollers with XLP Technology
11/29/12
PIC16F1847 MICROCHIP-PIC16F1847_13 Datasheet
7Mb / 440P
   18/20/28-Pin Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC16F1516 MICROCHIP-PIC16F1516_12 Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16LF1847-ISO MICROCHIP-PIC16LF1847-ISO Datasheet
7Mb / 438P
   18/20/28-Pin Flash Microcontrollers with XLP Technology
11/29/12
PIC16F1516-I MICROCHIP-PIC16F1516-I Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1519-I MICROCHIP-PIC16F1519-I Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1847 MICROCHIP-PIC16F1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com