Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ4282EY Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQ4282EY
Description  Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ4282EY Datasheet(HTML) 4 Page - Vishay Siliconix

  SQ4282EY Datasheet HTML 1Page - Vishay Siliconix SQ4282EY Datasheet HTML 2Page - Vishay Siliconix SQ4282EY Datasheet HTML 3Page - Vishay Siliconix SQ4282EY Datasheet HTML 4Page - Vishay Siliconix SQ4282EY Datasheet HTML 5Page - Vishay Siliconix SQ4282EY Datasheet HTML 6Page - Vishay Siliconix SQ4282EY Datasheet HTML 7Page - Vishay Siliconix SQ4282EY Datasheet HTML 8Page - Vishay Siliconix SQ4282EY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SQ4282EY
www.vishay.com
Vishay Siliconix
S12-2200-Rev. B, 24-Sep-12
4
Document Number: 63582
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Gate Charge
Source Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Drain Source Breakdown vs. Junction Temperature
0
2
4
6
8
10
0
8
16
24
32
40
Q
g - Total Gate Charge (nC)
I
D = 11 A
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 25 °C
T
J = 150 °C
- 1.3
- 0.9
- 0.5
- 0.1
0.3
0.7
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Temperature (°C)
I
D = 250 μA
I
D = 5 mA
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 15 A
V
GS = 4.5 V
V
GS = 10 V
0.00
0.02
0.04
0.06
0.08
0.10
0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
30
32
34
36
38
40
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 1 mA


Similar Part No. - SQ4282EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4282EY VISHAY-SQ4282EY Datasheet
206Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQ4282EY VISHAY-SQ4282EY Datasheet
218Kb / 9P
   Automotive Dual N-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ4282EY VISHAY-SQ4282EY Datasheet
217Kb / 9P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4282EY VISHAY-SQ4282EY_15 Datasheet
259Kb / 11P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 24-Sep-12
SQ4282EY VISHAY-SQ4282EY_V01 Datasheet
218Kb / 9P
   Automotive Dual N-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQ4282EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ844EP VISHAY-SQJ844EP Datasheet
156Kb / 9P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 28-Nov-11
SQ4920EY VISHAY-SQ4920EY Datasheet
256Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 13-Aug-12
SQ4282EY VISHAY-SQ4282EY_15 Datasheet
259Kb / 11P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 24-Sep-12
SQJ910AEP VISHAY-SQJ910AEP_15 Datasheet
174Kb / 11P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 26-Aug-13
SQJ910AEP VISHAY-SQJ910AEP_V02 Datasheet
234Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4330EY VISHAY-SQ4330EY Datasheet
255Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ4936EY VISHAY-SQ4936EY Datasheet
257Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQJ844AEP VISHAY-SQJ844AEP_15 Datasheet
227Kb / 12P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 17-Aug-15
SQJ914EP VISHAY-SQJ914EP_V02 Datasheet
277Kb / 10P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4920EY VISHAY-SQ4920EY_V02 Datasheet
212Kb / 8P
   Automotive Dual N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com