Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP15B Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # GP15B
Description  GLASS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

GP15B Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  GP15B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd GP15B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
GP15A THRU GP15M
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
50V-1000V
1.5A
GP15A THRU GP15M
GLASS PASSIVATED JUNCTION RECTIFIER
110
100
0
10
30
50
40
20
110
100
1
10
30
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
1.25
25
50
75
100
150
175
1.0
0
0
125
1.5
0.75
0.5
0.25
020
40
60
80
100
0.01
0.1
1
10
0.01
0.1
1
10
100
0.1
1
10
100
FIG. 1 - FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=125°C
TJ=25°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=25°C
f=1.0 MHZ
Vsig=50mVp-p
0.375"(9.5mm) LEAD LENGTH
TJ=150°C
TJ=75°C
60 HZ
RESISTIVE OR
INDUCTIVE LOAD
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
t, PULSE DURATION, sec


Similar Part No. - GP15B

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP15B ZOWIE-GP15B Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
Rugao Dachang Electroni...
GP15B DACHANG-GP15B Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.5A
logo
General Semiconductor
GP15B GE-GP15B Datasheet
63Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Rugao Dachang Electroni...
GP15B DACHANG-GP15B Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
logo
Micro Commercial Compon...
GP15B MCC-GP15B Datasheet
80Kb / 3P
   1.5 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
More results

Similar Description - GP15B

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com