Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3199 Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA3199
Description  Wideband Pre-amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3199 Datasheet(HTML) 4 Page - Sony Corporation

  CXA3199 Datasheet HTML 1Page - Sony Corporation CXA3199 Datasheet HTML 2Page - Sony Corporation CXA3199 Datasheet HTML 3Page - Sony Corporation CXA3199 Datasheet HTML 4Page - Sony Corporation CXA3199 Datasheet HTML 5Page - Sony Corporation CXA3199 Datasheet HTML 6Page - Sony Corporation CXA3199 Datasheet HTML 7Page - Sony Corporation CXA3199 Datasheet HTML 8Page - Sony Corporation CXA3199 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
—4—
CXA3199TN
Test Circuit 1
×100
×1
b
a
a
b
a
b
A
A
1k
1k
AMP
V
AMP
V
LPF
V
V
b
a
a
b
a
b
a
b
c
b
a
d
0.1µ
1
2
3
4
5
c
b
a
d
A
0.1µ
0.1µ
A
a
9
10
6
7
8
to 50MHz
3.3V
VCC
3.3V
VCC
3.3V
Test Circuit 2
×1
PG
1k
1k
AMP
LH
1µH
PG
1
2
3
4
5
9
10
8
7
6
3.3V


Similar Part No. - CXA3199

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3197 SONY-CXA3197 Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
More results

Similar Description - CXA3199

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3299TN SONY-CXA3299TN Datasheet
107Kb / 10P
   Wideband Pre-amplifier
logo
NXP Semiconductors
BTS6302U NXP-BTS6302U_V01 Datasheet
849Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
BTS6302U NXP-BTS6302U Datasheet
841Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
BTS6201U NXP-BTS6201U Datasheet
846Kb / 15P
   Wideband high linearity pre-driver amplifier
Rev. 4-3 February 2021
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
   Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com