Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ912EP Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SQJ912EP
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ912EP Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SQJ912EP Datasheet HTML 2Page - Vishay Siliconix SQJ912EP Datasheet HTML 3Page - Vishay Siliconix SQJ912EP Datasheet HTML 4Page - Vishay Siliconix SQJ912EP Datasheet HTML 5Page - Vishay Siliconix SQJ912EP Datasheet HTML 6Page - Vishay Siliconix SQJ912EP Datasheet HTML 7Page - Vishay Siliconix SQJ912EP Datasheet HTML 8Page - Vishay Siliconix SQJ912EP Datasheet HTML 9Page - Vishay Siliconix SQJ912EP Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PAD Pattern
www.vishay.com
Vishay Siliconix
Revision: 07-Feb-12
1
Document Number: 63818
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED MINIMUM PAD FOR PowerPAK® SO-8L SINGLE
Recommended Minimum Pads
Dimensions in mm (inches)
5.000
(0.197)
0.510
(0.020)
0.595
(0.023)
4.061
(0.160)
3.630
(0.143)
0.410
(0.016)
0.710
(0.028)
0.610
(0.024)
2.715
(0.107)
1.270
(0.050)
1.905
(0.075)
0.860
(0.034)
0.820
(0.032)
7.250
(0.285)


Similar Part No. - SQJ912EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ912AEP VISHAY-SQJ912AEP Datasheet
377Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Rev. A, 19-Oct-15
SQJ912AEP VISHAY-SQJ912AEP Datasheet
233Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ912AEP VISHAY-SQJ912AEP Datasheet
232Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ912AEP VISHAY-SQJ912AEP_15 Datasheet
175Kb / 11P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 30-Sep-13
SQJ912AEP VISHAY-SQJ912AEP_V01 Datasheet
233Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQJ912EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ970EP VISHAY-SQJ970EP Datasheet
156Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 19-Dec-11
SQJQ904E VISHAY-SQJQ904E Datasheet
214Kb / 7P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 20-Feb-17
SQJB48EP VISHAY-SQJB48EP_V02 Datasheet
270Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4940AEY VISHAY-SQ4940AEY_V02 Datasheet
217Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJQ906EL VISHAY-SQJQ906EL Datasheet
243Kb / 7P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 05-Sep-16
SQJQ904E VISHAY-SQJQ904E_V02 Datasheet
266Kb / 10P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS940ELNW VISHAY-SQS940ELNW_V01 Datasheet
204Kb / 6P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS944ENW VISHAY-SQS944ENW_V02 Datasheet
597Kb / 11P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB46ELP VISHAY-SQJB46ELP_V02 Datasheet
216Kb / 6P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB04ELP VISHAY-SQJB04ELP_V02 Datasheet
271Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJB46EP VISHAY-SQJB46EP_V02 Datasheet
243Kb / 7P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com