Electronic Components Datasheet Search |
|
GPP10G Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
GPP10G Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
1 / 2 page 50V-1000V 1.0A GPP10A THRU GPP10M Web Site: www.taychipst.com 1 of 2 FEATURES E-mail: sales@taychipst.com MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS MECHANICAL DATA GLASS PASSIVATED JUNCTION RECTIFIER • Plastic package has Underwriters Laboratories Flammability Classification 94V-0 • Glass passivated junction • Capable of meeting environmental standards of MIL-S-19500 • 1.0A operation at TA = 75°C with no thermal runaway • Typical IR less than 0.1 µA Case: JEDEC DO-204AL, molded plastic over glass passivated chip Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 250°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 oz., 0.3 g MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL GPP10A GPP10B GPP10D GPP10G GPP10J GPP10K GPP10M UNIT Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS voltage VRMS 35 70 140 280 420 560 700 V Maximum DC blocking voltage VDC 50 100 200 400 600 800 1000 V Maximum average forward rectified current 0.375" (9.5 mm) lead length at TA = 75 °C IF(AV) 1.0 A Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load IFSM 30 A Maximum full load reverse current, full cycle average 0.375" (9.5 mm) lead length TA = 75 °C IR(AV) 30 μA Operating junction and storage temperature range TJ, TSTG - 55 to + 150 °C ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER TEST CONDITIONS SYMBOL GPP10A GPP10B GPP10D GPP10G GPP10J GPP10K GPP10M UNIT Maximum instantaneous forward voltage 1.0 A VF 1.1 V Maximum DC reverse current at rated DC blocking voltage TA = 25 °C IR 5.0 μA TA = 100 °C 50 Maximum junction capacitance 4.0 V, 1 MHz CJ 6pF |
Similar Part No. - GPP10G |
|
Similar Description - GPP10G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |