Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ941EP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQJ941EP
Description  Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ941EP Datasheet(HTML) 6 Page - Vishay Siliconix

  SQJ941EP Datasheet HTML 1Page - Vishay Siliconix SQJ941EP Datasheet HTML 2Page - Vishay Siliconix SQJ941EP Datasheet HTML 3Page - Vishay Siliconix SQJ941EP Datasheet HTML 4Page - Vishay Siliconix SQJ941EP Datasheet HTML 5Page - Vishay Siliconix SQJ941EP Datasheet HTML 6Page - Vishay Siliconix SQJ941EP Datasheet HTML 7Page - Vishay Siliconix SQJ941EP Datasheet HTML 8Page - Vishay Siliconix SQJ941EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SQJ941EP
www.vishay.com
Vishay Siliconix
S12-1848-Rev. C, 30-Jul-12
6
Document Number: 65546
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Case
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Case (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?65546.
10- 3
10- 2
1
10- 1
10- 5
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
10- 4


Similar Part No. - SQJ941EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ941EP VISHAY-SQJ941EP Datasheet
184Kb / 10P
   Automotive Dual P-Channel 30 V (D-S) 175C MOSFET
Rev. C, 30-Jul-12
SQJ941EP VISHAY-SQJ941EP Datasheet
122Kb / 7P
   Automotive Dual P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ941EP-T1 VISHAY-SQJ941EP-T1 Datasheet
184Kb / 10P
   Automotive Dual P-Channel 30 V (D-S) 175C MOSFET
Rev. C, 30-Jul-12
SQJ941EP-T1-GE3 VISHAY-SQJ941EP-T1-GE3 Datasheet
122Kb / 7P
   Automotive Dual P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ941EP VISHAY-SQJ941EP_V01 Datasheet
122Kb / 7P
   Automotive Dual P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQJ941EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ951EP VISHAY-SQJ951EP_15 Datasheet
169Kb / 11P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 27-Feb-12
SQ4953EY VISHAY-SQ4953EY Datasheet
115Kb / 7P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2022
SQ4937EY VISHAY-SQ4937EY_V02 Datasheet
216Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3987EV VISHAY-SQ3987EV_V02 Datasheet
309Kb / 8P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3989EV VISHAY-SQ3989EV_V02 Datasheet
313Kb / 8P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4949EY VISHAY-SQ4949EY_V02 Datasheet
217Kb / 9P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ951EP VISHAY-SQJ951EP Datasheet
178Kb / 10P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 27-Feb-12
SQ4937EY VISHAY-SQ4937EY Datasheet
256Kb / 10P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ4937EY VISHAY-SQ4937EY_15 Datasheet
256Kb / 11P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ4949EY VISHAY-SQ4949EY_15 Datasheet
256Kb / 11P
   Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com