Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPP15G Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # GPP15G
Description  GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

GPP15G Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  GPP15G Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd GPP15G Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
GPP15A THRU GPP15M
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
GPP15A THRU GPP15M
50V-1000V
1.5A
GLASS PASSIVATED RECTIFIER
GLASS PASSIVATED RECTIFIER
Fig. 1 - TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
.01
0.1
1.0
10
.4
.6
.8
1.0
1.2
1.4
1.6
Fig. 2 - PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
100
10
1
0
15
30
45
60
75
0
T =25C
J
Fig. 3 - FORWARD CURRENT DERATING CURVE
0
AMBIENT TEMPERATURE, C
25
50
75
100
150
175
125
0
.50
.25
.75
1.00
1.25
1.50
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INOUCTIVE LOAD
.375" 9.5mm LEAD LENGTH
Fig. 4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. VOLTS
100
10
1
1
10
100
0
T =25C
J


Similar Part No. - GPP15G

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GPP15G CHENG-YI-GPP15G Datasheet
89Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results

Similar Description - GPP15G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N4001G ETC-1N4001G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
1N4001G ETC2-1N4001G Datasheet
155Kb / 2P
   GLASS PASSIVATED RECTIFIER
1N5391G ETC2-1N5391G Datasheet
154Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
SAMYANG ELECTRONICS CO....
HER301G SAMYANG-HER301G Datasheet
433Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RL151G-157G WINNERJOIN-RL151G-157G Datasheet
96Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
8AF05 MIC-8AF05 Datasheet
64Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Digitron Semiconductors
1N5624 DIGITRON-1N5624 Datasheet
128Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
GPP30 CHENG-YI-GPP30 Datasheet
110Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Galaxy Semi-Conductor H...
UF4001G BILIN-UF4001G Datasheet
82Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
1G1-1G7 ETC2-1G1-1G7 Datasheet
112Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
16AF05C MIC-16AF05C Datasheet
54Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com