Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C320 Datasheet(PDF) 7 Page - Kemet Corporation

Part # C320
Description  Aluminum Electrolytic Capacitors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C320 Datasheet HTML 3Page - Kemet Corporation C320 Datasheet HTML 4Page - Kemet Corporation C320 Datasheet HTML 5Page - Kemet Corporation C320 Datasheet HTML 6Page - Kemet Corporation C320 Datasheet HTML 7Page - Kemet Corporation C320 Datasheet HTML 8Page - Kemet Corporation C320 Datasheet HTML 9Page - Kemet Corporation C320 Datasheet HTML 10Page - Kemet Corporation C320 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image

©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com

Aluminum Electrolytic Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Series
Temperature
Range
Capacitance Range
Voltage
Range (VDC)
Life Expectancy
@ Rated Voltage,
Rated
Temperature
Benefits
ALS30/31
-40 to +85°C
100µF - 680000µF
25 - 500
40000 hours
• Case sizes & terminals for the European market
• 20000 hours life at 85°C (U
R, IR applied)
• High ripple current
• Excellent surge voltage capability
ALS32/33
-40 to +85°C
220µF - 18000µF
350 - 500
40000 hours
• Case sizes & terminals for the Asian market
• 20000 hours life at 85°C (U
R, IR applied)
• High ripple current
• Excellent surge voltage capability
ALS34/35
-40 to +85°C
150µF - 40000µF
25 - 500
40000 hours
• Case sizes & terminals for the American market
• 20000 hours life at 85°C (U
R, IR applied)
• High ripple current
• Excellent surge voltage capability
PEH200
-40 to +85°C
100µF - 330000µF
25 - 500
60000 hours
• High CV value
• Long life
• Low ESR & ESL
• Compact size
PEH169
-40 to +85°C
68µF - 40000µF
10 - 450
8000 hours
• High CV value
• Long life
• Low ESR & ESL
• Compact size
ALS40/41 -40 to +105°C 150µF - 680000µF
25 - 450
15000 hours
• Compact size
• 9000 hours life at 105°C (U
R, IR applied)
• High ripple current
• Excellent surge voltage capability
PEH169
-40 to +105°C 100µF - 330000µF
10 - 350
25000 hours
• High CV value
• Long life
• Low ESR & ESL
• Compact size
PEH205
-55 to +125°C 1500µF - 390000µF
16 - 100
Up to 8000 hours
(@ Ur, Ir, +125°C)
• High temperature +125°C
• Long life
• Low ESR & ESL
• Compact size
Axial Electrolytic Capacitors
Screw Terminal Electrolytic Capacitors
Series
Rated
Temperature
Capacitance Range
Voltage
Range (VDC)
Applications
Benefits
PEG226
PEH226
150°C
250µF - 400µF
25 - 63
Automotive
• Extremely high ripple current
• Up to 28A ripple (RMS, continuous load)
• High vibration resistance
PEG225
PEH225
Up to
150°C
40µF - 6300µF
25 - 63
Automotive
• Extremely high ripple current
• Up to 28A ripple (RMS, continuous load)
• High vibration resistance
• High CV
PEG220
PEH220
150°C
250µF - 400µF
25 - 63
Automotive
• Very high ripple current
• Up to 21A ripple (RMS, continuous load)
• High vibration resistance
PEG124
105°C
125°C
1µF - 40µF
10µF - 400µF
100 - 450
10 - 63
Electronic Ballast
Industrial
Automotive
Telecom
• Long life > 30 years at 50°C
• Low ESR
• Low ESL
PEG126
PEH126
150°C
250µF - 4000µF
25 - 63
Automotive
• Low ESR
• High ripple current
• Intermittent specification
• Resistance to vibrations
• 150°C, 2000h (Ø20), 1500h (Ø16)
PEG12
150°C
33µF - 1300µF
25 - 63
Automotive
• High temperature rating
• High ripple current
• Up to 6.6A ripple (RMS, continuous load)
• High vibration resistance
• 150°C, 1600h


Similar Part No. - C320

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320 KEMET-C320 Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C320 KEMET-C320 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
KEC(Korea Electronics)
C3202 KEC-C3202 Datasheet
46Kb / 1P
   SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(PCT PROCESS)
logo
Connor-Winfield Corpora...
C32020.0M CONNOR-WINFIELD-C32020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
logo
List of Unclassifed Man...
C32025 ETC1-C32025 Datasheet
235Kb / 9P
   Digital Signal Processor Megafunction
More results

Similar Description - C320

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com