Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQJ980EP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQJ980EP
Description  Automotive Dual N-Channel 75 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ980EP Datasheet(HTML) 5 Page - Vishay Siliconix

  SQJ980EP Datasheet HTML 1Page - Vishay Siliconix SQJ980EP Datasheet HTML 2Page - Vishay Siliconix SQJ980EP Datasheet HTML 3Page - Vishay Siliconix SQJ980EP Datasheet HTML 4Page - Vishay Siliconix SQJ980EP Datasheet HTML 5Page - Vishay Siliconix SQJ980EP Datasheet HTML 6Page - Vishay Siliconix SQJ980EP Datasheet HTML 7Page - Vishay Siliconix SQJ980EP Datasheet HTML 8Page - Vishay Siliconix SQJ980EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SQJ980EP
www.vishay.com
Vishay Siliconix
S11-2419-Rev. B, 19-Dec-11
5
Document Number: 67015
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
DS
-Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 ms
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
100 μs
1 s,10 s, DC
I
D Limited
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 85 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - SQJ980EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ980AEP VISHAY-SQJ980AEP Datasheet
377Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Rev. A, 19-Oct-15
SQJ980AEP VISHAY-SQJ980AEP Datasheet
743Kb / 10P
   Automotive Dual N-Channel 75 V (D-S) 175 째C MOSFET
SQJ980AEP VISHAY-SQJ980AEP Datasheet
745Kb / 10P
   Automotive Dual N-Channel 75 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ980AEP VISHAY-SQJ980AEP Datasheet
237Kb / 10P
   Automotive Dual N-Channel 75 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ980AEP-T1-GE3 VISHAY-SQJ980AEP-T1-GE3 Datasheet
745Kb / 10P
   Automotive Dual N-Channel 75 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQJ980EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ980AEP VISHAY-SQJ980AEP_V02 Datasheet
237Kb / 10P
   Automotive Dual N-Channel 75 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ980AP VISHAY-SQJ980AP_15 Datasheet
739Kb / 11P
   Automotive Dual N-Channel 75 V (D-S) 175 °C MOSFET
Rev. A, 25-Mar-13
SQM120N08-05 VISHAY-SQM120N08-05 Datasheet
173Kb / 9P
   Automotive N-Channel 75 V (D-S) 175 °C MOSFET
Rev. C, 12-Dec-11
SQJ486EP VISHAY-SQJ486EP_15 Datasheet
237Kb / 12P
   Automotive N-Channel 75 V (D-S) 175 °C MOSFET
Rev. B, 14-Jul-14
SQJ486EP VISHAY-SQJ486EP Datasheet
223Kb / 10P
   Automotive N-Channel 75 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ980AP VISHAY-SQJ980AP Datasheet
743Kb / 10P
   Automotive Dual N-Channel 75 V (D-S) 175 째C MOSFET
SQJ980AEP VISHAY-SQJ980AEP Datasheet
745Kb / 10P
   Automotive Dual N-Channel 75 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ960EP VISHAY-SQJ960EP Datasheet
159Kb / 9P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 24-Sep-12
SQJ970EP VISHAY-SQJ970EP Datasheet
156Kb / 9P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 19-Dec-11
SQJ992EP VISHAY-SQJ992EP Datasheet
181Kb / 11P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com