Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1A Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # HS1A
Description  SURFACE MOUNT G L A SS HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

HS1A Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  HS1A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd HS1A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
HS1A THRU HS1M
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
50V-1000V
1.0A
HS1A THRU HS1M
GLASS HIGH EFFICIENCY RECTIFIERS
SURFACE MOUNT


Similar Part No. - HS1A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1A TSC-HS1A Datasheet
66Kb / 2P
   1.0 AMP. High Efficient Surface Mount Rectifiers
logo
HY ELECTRONIC CORP.
HS1A HY-HS1A Datasheet
421Kb / 3P
   Surface Mount High Efficiency (Ultra Fast) Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
HS1A TSC-HS1A Datasheet
133Kb / 2P
   1.0 AMP. High Efficient Surface Mount Rectifiers
logo
First Silicon Co., Ltd
HS1A FS-HS1A Datasheet
193Kb / 2P
   REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP ULTRA-FAST RECTIFIER
logo
GOOD-ARK Electronics
HS1A GOOD-ARK-HS1A Datasheet
192Kb / 2P
   High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
More results

Similar Description - HS1A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
US2A TAYCHIPST-US2A Datasheet
1Mb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
UF1A_SMB TAYCHIPST-UF1A_SMB Datasheet
1Mb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
logo
Anova Technologies CO.,...
US1A ANOVA-US1A Datasheet
258Kb / 2P
   Surface Mount High Efficiency Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
US2A MAKOSEMI-US2A Datasheet
501Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Taychipst Elec...
UF2A TAYCHIPST-UF2A Datasheet
1Mb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
logo
Anova Technologies CO.,...
US2A ANOVA-US2A Datasheet
263Kb / 2P
   Surface Mount High Efficiency Rectifiers
US3A ANOVA-US3A Datasheet
288Kb / 2P
   Surface Mount High Efficiency Rectifiers
logo
Shanghai Shunye Electro...
US1AF SHUNYE-US1AF Datasheet
724Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Taychipst Elec...
UF3A TAYCHIPST-UF3A Datasheet
2Mb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
UF1A_SMA TAYCHIPST-UF1A_SMA Datasheet
1Mb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com