Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-80APF1.-M3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-80APF1.-M3
Description  Fast Soft Recovery Rectifier Diode, 80A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-80APF1.-M3 Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-80APF1.-M3 Datasheet HTML 1Page - Vishay Siliconix VS-80APF1.-M3 Datasheet HTML 2Page - Vishay Siliconix VS-80APF1.-M3 Datasheet HTML 3Page - Vishay Siliconix VS-80APF1.-M3 Datasheet HTML 4Page - Vishay Siliconix VS-80APF1.-M3 Datasheet HTML 5Page - Vishay Siliconix VS-80APF1.-M3 Datasheet HTML 6Page - Vishay Siliconix VS-80APF1.-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-80APF1.PbF Series, VS-80APF1.-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 20-Oct-11
5
Document Number: 93725
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - Recovery Current Characteristics, TJ = 25 °C
Fig. 13 - Recovery Current Characteristics, TJ = 150 °C
Fig. 14 - Thermal Impedance ZthJC Characteristics
0
40
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
0
5
10
15
20
25
30
35
40
45
80EPF.. Series
T
J = 25 °C
I
FM = 80 A
I
FM = 1 A
I
FM = 40 A
I
FM = 20 A
I
FM = 10 A
0
40
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
0
10
20
30
40
50
60
80EPF.. Series
T
J = 150 °C
I
FM = 80 A
I
FM = 1 A
I
FM = 40 A
I
FM = 20 A
I
FM = 10 A
10
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
0.001
0.01
0.1
1
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Steady state value
(DC operation)
80EPF.. Series
Single pulse


Similar Part No. - VS-80APF1.-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80APF1-M3 VISHAY-VS-80APF1-M3 Datasheet
216Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
01-Jan-2022
VS-80APF10-M3 VISHAY-VS-80APF10-M3 Datasheet
206Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
Revision: 06-Feb-14
VS-80APF10PbF VISHAY-VS-80APF10PbF Datasheet
206Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
Revision: 06-Feb-14
VS-80APF12-M3 VISHAY-VS-80APF12-M3 Datasheet
206Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
Revision: 06-Feb-14
VS-80APF12PbF VISHAY-VS-80APF12PbF Datasheet
206Kb / 8P
   Fast Soft Recovery Rectifier Diode, 80 A
Revision: 06-Feb-14
More results

Similar Description - VS-80APF1.-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
   Fast Soft Recovery Rectifier Diode
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF02 IRF-10ETF02 Datasheet
217Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com