Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN4001 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # IN4001
Description  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

IN4001 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  IN4001 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd IN4001 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
IN4001 THRU IN4007
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Fig.1 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
0.1
1.0
10
0.1
.4
.6
.8
1.0
1.2
1.4
1.6
0
T =25 C
J
0
T =25 C
J
0
T =25 C
J
Fig.4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE(V)
10
10
1
1
100
100
Fig.2 - PAEK FORWARD SURGE CURRENT
10
1
100
NUMBER OF CYCLES AT 60 Hz
0
10
20
40
50
30
0
AMBIENT TEMPERATURE, C
Fig.3 - FORWARD CURRENT DERATING CURVE
SINGLE PHASE
HALF WAVE 60 Hz
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.5mm)
LEAD LENGTH
0
.25
.50
.75
1.00
1.25
1.50
25
100
75
150
175
50
125
50V-1000V
1.0A
IN4001 THRU IN4007
PLASTIC SILICON RECTIFIER
PLASTIC SILICON RECTIFIER


Similar Part No. - IN4001

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
IN4001 CHENG-YI-IN4001 Datasheet
110Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
List of Unclassifed Man...
IN4001 ETC2-IN4001 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - IN4001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com