Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFH36A Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFH36A
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFH36A Datasheet(HTML) 3 Page - Vectron International, Inc

  TFH36A_06 Datasheet HTML 1Page - Vectron International, Inc TFH36A_06 Datasheet HTML 2Page - Vectron International, Inc TFH36A_06 Datasheet HTML 3Page - Vectron International, Inc TFH36A_06 Datasheet HTML 4Page - Vectron International, Inc TFH36A_06 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
File name : TFH36A.doc
Version 1.0
13.03.2001
VI TELEFILTER
Filter Specification
TFH 36A
3/5
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
Email: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed
as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
5. Stability characteristics :
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 18 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 T2 - 6
3. Damp heat:
25 °C to 55°C / 95% r.H. / 10 cycles
(cycle)
DIN IEC 68 - 2 – 30 Db
4. Resistance to
solder heat (reflow):
max. 2 times reflow process;
for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
6. Packing :
Tape & Reel:
DIN IEC 286 - 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
1000
reel of empty components at start:
min 300 mm
reel of empty components at start including leader:
min 500 mm
trailer
min 300 mm
Reel (all dimensions in mm):
A
:
330
W1
:
46
W2 (max)
:
50
N (min)
:
100
C
:
13 ± 0,2
Tape (all dimensions in mm)
W
:
44
± 0,3
Po
:
4
± 0,1
Do
:
1,5
+ 0,1
E
:
1,75 ± 0,1
F
:
20,25 ± 0,05
G (min) :
0,75
P2
:
2
± 0,05
P1
:
16
± 0,1
D1(min) :
2,0
Ao
:
9,3
± 0,1
Bo
:
24,9
± 0,1
CT
:
38
± 0,2
E
EMBOSSED CARRIER TAPE
COVER TAPE
G
D
1
CT
P
1
B
o
A
o
P
2
P
0
W
F
D
0
N
W2
W1
A
C


Similar Part No. - TFH36A_06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFH36A VECTRON-TFH36A Datasheet
44Kb / 5P
   Filter Specification
More results

Similar Description - TFH36A_06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com