Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402YG104ZAT4A Datasheet(PDF) 3 Page - AVX Corporation

Part # 0402YG104ZAT4A
Description  Y5V DIELECTRIC GENERAL SPECIFICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0402YG104ZAT4A Datasheet(HTML) 3 Page - AVX Corporation

  0402YG104ZAT4A Datasheet HTML 1Page - AVX Corporation 0402YG104ZAT4A Datasheet HTML 2Page - AVX Corporation 0402YG104ZAT4A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
28
Y5V Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0201
0402
0603
0805
1206
1210
Soldering
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow Only
Packaging
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
Paper/Embossed
(L) Length
mm
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
3.20 ± 0.20
(in.)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(0.126 ± 0.008)
(W) Width
mm
0.30 ± 0.03
0.50 ± 0.10
.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
2.50 ± 0.20
(in.)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(0.098 ± 0.008)
(t)
Terminal
mm
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
.50 ± 0.25
(in.)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
6.3
10
6
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
Cap
820
(pF)
1000
A
2200
A
4700
A
Cap
0.010
A
A
(μF)
0.022
A
0.047
A
C
0.10
C
C
G
G
K
0.22
G
0.33
G
0.47
C
G
G
1.0
C
C
G
G
N
N
N
M
M
M
N
2.2
C
N
4.7
NP
N
N
10.0
NQ
Q
X
Q
Q
22.0
QX
47.0
WVDC
6.3
10
6
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
10
16
25
50
SIZE
0201
0402
0603
0805
1206
1210
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
L
W
T
t


Similar Part No. - 0402YG104ZAT4A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
0402Y101BXJCW1BC VISHAY-0402Y101BXJCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
0402Y101BXJPW1BC VISHAY-0402Y101BXJPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
0402Y101BXQCW1BC VISHAY-0402Y101BXQCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
0402Y101BXQCW1MC VISHAY-0402Y101BXQCW1MC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
0402Y101BXQPW1BC VISHAY-0402Y101BXQPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results

Similar Description - 0402YG104ZAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZG106ZAT2A AVX-0805ZG106ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric General Specifications
06033G104ZAT2A AVX-06033G104ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric General Specifications
04025G472ZAT2A AVX-04025G472ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
1206YG335ZAT2A AVX-1206YG335ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
12105G334ZAT2A AVX-12105G334ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
04026G103ZAT2A AVX-04026G103ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
04025G223ZAT2A AVX-04025G223ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
1210ZG226ZAT2A AVX-1210ZG226ZAT2A Datasheet
73Kb / 3P
   Y5V Dielectric
04025G103ZAT2A AVX-04025G103ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
06036G105ZAT2A AVX-06036G105ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com