Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE426JR8120JR06L2 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PHE426JR8120JR06L2
Description  Single metallized film pulse capacitor, polypropylene dielectric
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE426JR8120JR06L2 Datasheet(HTML) 1 Page - Kemet Corporation

  PHE426JR8120JR06L2 Datasheet HTML 1Page - Kemet Corporation PHE426JR8120JR06L2 Datasheet HTML 2Page - Kemet Corporation PHE426JR8120JR06L2 Datasheet HTML 3Page - Kemet Corporation PHE426JR8120JR06L2 Datasheet HTML 4Page - Kemet Corporation PHE426JR8120JR06L2 Datasheet HTML 5Page - Kemet Corporation PHE426JR8120JR06L2 Datasheet HTML 6Page - Kemet Corporation PHE426JR8120JR06L2 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RoHS
Compliant
100
250
300
400
450
630
1000
1600
2000
63
160
160
220
220
250
250
650
700
0.001
0.001
0.033
0.001
0.1
0.001
0.0027
0.0047
0.001
–0.22
–27
–18
–10
–3.9
–5.6
–3.3
–0.047
–0.027
In accordance with IEC E12 series
±5%, other tolerances on request
–55 ... +105°C
+85°C
The rated voltage is decreased with 1.3%/°C between +85°C and +105°C.
IEC 60068-1, 55/105/56/B
Category B according to IEC 60065
dU/dt according to article table
For peak to peak voltages lower than rated voltage (U
PP < UR), the specified dU/dt can be
multiplied by the factor U
R/UPP.
–200 (+50, –100) ppm/°C (at 1 kHz)
Approximately 6 nH/cm for the total length of capacitor winding and the leads.
Maximum values at +23°C
C
≤ 0.1 µF 0.1µF < C ≤ 1.0 µF C > 1.0 µF
1 kHz
0.05%
0.05%
0.10%
10 kHz
0.10%
100 kHz 0.25%
Measured at +23°C, 100 VDC 60 s for U
R < 500 VDC and at 500 VDC for UR ≥ 500 VDC
Between terminals:
C
≤ 0.33 µF: ≥ 100 000 MΩ
C > 0.33 µF:
≥ 30 000 s
Between terminals and case:
≥ 100 000 MΩ.
pHE426
• single metallized film pulse capacitor, polypropylene dielectric
• according to iEc 60384-16, grade 1.1
tYpiCaL appLiCations
ConstRuCtion
tECHniCaL data
Pulse operation in SMPS, TV, monitor,
electrical ballast and other high frequency
applications demanding stable operation.
Polypropylene film capacitor with vacuum
evaporated aluminum electrodes. Radial
leads of tinned wire are electrically welded
to the contact metal layer on the ends of
the capacitor winding. Encapsulation in
self-extinguishing material meeting the
requirements of UL 94V-0.
Two different winding constructions are
used, depending on voltage and lead
spacing. They are specified in the article
table.
rated voltage u
r, vdc
rated voltage u
r, vac
capacitance range, µf
capacitance values
capacitance tolerance
category temperature range
rated temperature
voltage derating
climatic category
Passive flammability
maximum pulse steepness:
temperature coefficient
self-inductance
dissipation factor tan
δ
insulation resistance
p
d
std I max I
b
5.0 ± 0.4
0.5
5-1
20
± 0.4
7.5 ± 0.4
0.6
5-1
20
± 0.4
10.0 ± 0.4
0.6
5-1
30
± 0.4
15.0 ± 0.4
0.8
6-1
30
± 0.4
22.5 ± 0.4
0.8
6-1
30
± 0.4
27.5 ± 0.4
0.8
6-1
30
± 0.4
37.5 ± 0.5
1.0
6-1
30
± 0.7
L
H
B
p
l
∅ d
0.5
b
1 section construction
2 section construction


Similar Part No. - PHE426JR8120JR06L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426JR8120JR06L2 ETC2-PHE426JR8120JR06L2 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE426JR8120JR06L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com