Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402YG153ZAT2A Datasheet(PDF) 1 Page - AVX Corporation

Part # 0402YG153ZAT2A
Description  Y5V DIELECTRIC GENERAL SPECIFICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0402YG153ZAT2A Datasheet(HTML) 1 Page - AVX Corporation

  0402YG153ZAT2A Datasheet HTML 1Page - AVX Corporation 0402YG153ZAT2A Datasheet HTML 2Page - AVX Corporation 0402YG153ZAT2A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
26
Y5V Dielectric
General Specifications
Y5V formulations are for general-purpose use in a limited
temperature range. They have a wide temperature
characteristic of +22% –82% capacitance change over the
operating temperature range of –30°C to +85°C.
These characteristics make Y5V ideal for decoupling
applications within limited temperature range.
0805
Size
(L" x W")
3
Voltage
6.3V = 6
10V = Z
16V = Y
25V = 3
50V = 5
G
Dielectric
Y5V = G
104
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
Z
Capacitance
Tolerance
Z = +80 –20%
A
Failure
Rate
A = Not
Applicable
T
Terminations
T = Plated Ni
and Sn
2
Packaging
2 = 7" Reel
4 = 13" Reel
A
Special
Code
A = Std.
Product
PART NUMBER (see page 2 for complete part number explanation)
+20
+10
0
-55
-35 -15
+5 +25 +45 +65 +85 +105 +125
Temperature
°C
Temperature Coefficient
-60
-50
-40
-30
-20
-10
-70
-80
+20
+40
0
0
% DC Bias Voltage
Capacitance Change
vs. DC Bias Voltage
-60
-40
-20
-100
-80
20
40
60
80
100
1,000
10,000
100
0
+20
+30
+40
+60
+50
+70
+80
+90
Temperature
°C
Insulation Resistance vs. Temperature
10,000
1,000
10,000
Frequency (Hz)
0.1
F - 0603
Impedance vs. Frequency
1
10
100
0.01
0.1
100,000
1,000,000
10,000,000
1,000
10,000
Frequency (Hz)
0.22
F - 0805
Impedance vs. Frequency
1
10
100
0.01
0.1
100,000
1,000,000
10,000,000
1,000
10,000
Frequency (Hz)
1
F - 1206
Impedance vs. Frequency
1
10
100
0.01
0.1
100,000
1,000,000
10,000,000


Similar Part No. - 0402YG153ZAT2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
0402Y101BXJCW1BC VISHAY-0402Y101BXJCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
0402Y101BXJPW1BC VISHAY-0402Y101BXJPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
0402Y101BXQCW1BC VISHAY-0402Y101BXQCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
0402Y101BXQCW1MC VISHAY-0402Y101BXQCW1MC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
0402Y101BXQPW1BC VISHAY-0402Y101BXQPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
More results

Similar Description - 0402YG153ZAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZG106ZAT2A AVX-0805ZG106ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric General Specifications
06033G104ZAT2A AVX-06033G104ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric General Specifications
04025G472ZAT2A AVX-04025G472ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
1206YG335ZAT2A AVX-1206YG335ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
12105G334ZAT2A AVX-12105G334ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
04026G103ZAT2A AVX-04026G103ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
04025G223ZAT2A AVX-04025G223ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
1210ZG226ZAT2A AVX-1210ZG226ZAT2A Datasheet
73Kb / 3P
   Y5V Dielectric
04025G103ZAT2A AVX-04025G103ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
06036G105ZAT2A AVX-06036G105ZAT2A Datasheet
72Kb / 3P
   Y5V Dielectric
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com