Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0202.062URG Datasheet(PDF) 2 Page - Littelfuse

Part # 0202.062URG
Description  Surface Mount Fuses FLAT-PAK짰 Fast-Acting Fuse > 202 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0202.062URG Datasheet(HTML) 2 Page - Littelfuse

  0202.062URG Datasheet HTML 1Page - Littelfuse 0202.062URG Datasheet HTML 2Page - Littelfuse 0202.062URG Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
116
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
202 Series
FLAT-PAK® Fast-Acting Fuse > 202 Series
Please refer to www.littelfuse.com/series/202.html for current information.
Average Time Current Curves
100
10
0.1
0.01
0.001
1000
100
10
1
0.1
0.05
CURRENT IN AMPERES
1
Soldering Parameters
Temperature Rerating Curve
Note:
1. Derating depicted in this curve is in addition to the standard derating of 25% for
continuous operation.
Wave Soldering
260°C, 3 seconds max.
Reflow Soldering
215°C, 30 seconds max.


Similar Part No. - 0202.062URG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
0202-000008 TOSHIBA-0202-000008 Datasheet
5Mb / 70P
   COLOUR TELEVISION
0202-000187 TOSHIBA-0202-000187 Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
M/A-COM Technology Solu...
02020-DSH-001-F MA-COM-02020-DSH-001-F Datasheet
300Kb / 15P
   4 Gbps CMOS TIA with AGC
logo
SUYIN USA, INC.
020200MB005M568ZR SUYIN-USA-020200MB005M568ZR Datasheet
136Kb / 1P
   MINI USB CONNECTOR
020200MB005S535ZR SUYIN-USA-020200MB005S535ZR Datasheet
152Kb / 1P
   MINI USB CONNECTOR
More results

Similar Description - 0202.062URG

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0603F050-2 BOURNS-SF-0603F050-2 Datasheet
366Kb / 4P
   Fast Acting Surface Mount Fuses
logo
Eaton All Rights Reserv...
1025FA EATON-1025FA Datasheet
515Kb / 2P
   Fast-acting surface mount fuse
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
logo
List of Unclassifed Man...
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
   1206 Fast Acting Surface Mount Fuses
AF2-3507 ETC2-AF2-3507 Datasheet
668Kb / 8P
   2410 Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
   Fast Acting Precision Surface Mount Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com