Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0213.630MXP Datasheet(PDF) 1 Page - Littelfuse

Part # 0213.630MXP
Description  213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0213.630MXP Datasheet(HTML) 1 Page - Littelfuse

  0213.630MXP Datasheet HTML 1Page - Littelfuse 0213.630MXP Datasheet HTML 2Page - Littelfuse 0213.630MXP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
213 Series
5×20 mm > Time-Lag > 213 Series
Please refer to www.littelfuse.com/series/213.html for current information.
Agency Approvals
Agency
Agency File Number
Ampere Range
PS
E
Cartridge Certificates:
NBK120802-E10480 A&C
Leaded Certificates:
NBK120802-E10480 B&D
1A – 5A
6.3A
Certificates:
2003010207045592
200mA – 6.3A
Recognised File:
E10480
Guide:
JDYX2
200mA – 6.3A
File:
029862
Acc. Class:
LR1422-30
File:
915515,811747
License:
40015638
200mA – 4A, 6.3A
License:
KM41462
200mA – 6.3A
200mA – 6.3A
Features
International (IEC )
Standards for use
globally
and axial lead form
specification for time-
Lag fuses
lead-free.
Applications
Electrical Characteristic for Series
% of Ampere
Rating
Ampere Rating
Opening Time
150%
All Ratings
60 minutes, Minimum
210%
2 minutes, Maximum
275%
0.6 sec., Min.; 10 sec. Max.
400%
.15 sec., Min.; 3 sec. Max.
1000%
0.02 sec., Min.; 0.3 sec. Max.
Amp
Code
Ampere
Rating
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Nominal
Voltage
Drop
(mV)
Nominal
Power
Dissipation
(W)
Agency Approvals
PS
E
.200
0.2
250
35A@250Vac
1.6000
0.22500
1500
1.6
x
x
xxxx
x
.250
0.25
250
1.0495
0.55500
1300
1.6
x
x
xxxx
x
.315
0.315
250
0.8475
1.14000
1100
1.6
x
x
xxxx
x
.400
0.4
250
0.5350
1.36000
1000
1.6
x
x
xxxx
x
.500
0.5
250
0.3700
2.90500
900
1.6
x
x
xxxx
x
.630
0.63
250
0.2750
4.80000
300
1.6
x
x
xxxx
x
.800
0.8
250
0.1635
9.42000
250
1.6
x
x
xxxx
x
001.
1
250
0.1165
19.20000
150
1.6
x
xxxxxx
x
1.25
1.25
250
0.0817
27.15000
150
1.6
x
xxxxxx
x
01.6
1.6
250
0.0551
44.20000
150
1.6
x
xxxxxx
x
002.
2
250
0.0452
92.70500
150
1.6
x
xxxxxx
x
02.5
2.5
250
0.0305
138.00000
120
1.6
x
xxxxxx
x
3.15
3.15
250
0.0231
202.00000
100
1.6
x
xxxxxx
x
004.
4
250
40A@250Vac
0.0170
226.50500
100
1.6
x
xxxxxx
x
005.
5
250
50A@250Vac
0.0116
314.00000
100
1.6
x
xxxxxx
x
06.3
6.3
250
63A@250Vac
0.0095
600.00000
100
1.6
x
xxxxxx
x
Electrical Characteristic Specifications by Item
fuse designed to IEC specification.
Used as supplementary protection in appliance or
components or internal circuits.
213 Series, 5 x 20 mm,Time-Lag (Slo-Blo®) Fuse
PS
E
Description
Revised: April 23, 2012


Similar Part No. - 0213.630MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0213.630 LITTELFUSE-0213.630 Datasheet
234Kb / 4P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
More results

Similar Description - 0213.630MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0215.125MRET1P LITTELFUSE-0215.125MRET1P Datasheet
359Kb / 5P
   215 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0218.032HXP LITTELFUSE-0218.032HXP Datasheet
347Kb / 4P
   218 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
0213200P LITTELFUSE-0213200P Datasheet
284Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032P LITTELFUSE-218032P Datasheet
293Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
021502.5MXESPP LITTELFUSE-021502.5MXESPP Datasheet
362Kb / 3P
   215SP Series, 5x20 mm, Time-Lag Fuse (Slo-Blo짰)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com