Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0203.750URG Datasheet(PDF) 1 Page - Littelfuse

Part # 0203.750URG
Description  203 Series Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0203.750URG Datasheet(HTML) 1 Page - Littelfuse

  0203.750URG Datasheet HTML 1Page - Littelfuse 0203.750URG Datasheet HTML 2Page - Littelfuse 0203.750URG Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
119
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
203 Series
FLAT-PAK® Slo-Blo® Fuse > 203 Series
Please refer to www.littelfuse.com/series/203.html for current information.
203 Series Fuse
Description
Fast-Acting and Slo-Blo® Fuse versions of the Flat-Pak Fuse
designs are available. Both designs are available in either a
gull-wing surface mount package or a DIP configuration for
through-hole mounting. These fuse designs feature a 250
VAC rating in a low profile, rectangular package.
Agency Approvals
AGENCY
AGENCY FILE
NUMBER
AMPERE RANGE
E10480
1/4mA - 5A
LR29862
1/4mA - 5A
Electrical Characteristics for Series
% of Ampere
Rating
OpeningTime
100%
4 hours, Minimum
200%
1 second, Min; 30 seconds Max.
Electrical Specifications by Item
Ampere
Rating
(A)
Amp Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal Melting
I2t (A2sec)
Agency Approvals
0.25
.250
250
50 amperes
@250 VAC
1.36
0.0126
x
x
0.50
.500
250
0.433
0.112
x
x
0.75
.750
250
0.158
0.327
x
x
1.00
001.
250
0.0755
0.328
x
x
1.50
01.5
250
0.0390
0.850
x
x
2.00
002.
250
0.0345
1.70
x
x
2.50
02.5
250
0.0237
2.87
x
x
3.00
003.
250
0.0197
4.40
x
x
4.00
004.
250
0.0148
8.75
x
x
5.00
005.
250
0.0124
14.7
x
x
Revised: June 29, 2011


Similar Part No. - 0203.750URG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0203.250H LITTELFUSE-0203.250H Datasheet
162Kb / 3P
   Surface Mount Fuses FLAT-PAK짰 Fast-Acting Fuse > 202 Series
More results

Similar Description - 0203.750URG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC35661DBG-203 TOSHIBA-TC35661DBG-203 Datasheet
833Kb / 63P
   TC35661SBG/DBG-203 Bluetooth® IC ROM Profile Series
2017-02-22 Rev 1.02
TC35661IDBG-203 TOSHIBA-TC35661IDBG-203 Datasheet
801Kb / 61P
   TC35661IDBG-203 Bluetooth® IC ROM Profile Series
2017-02-22 Rev. 1.0
logo
Littelfuse
SPFJ125 LITTELFUSE-SPFJ125 Datasheet
880Kb / 6P
   SPFJ SERIES FUSE
SPNH200.X LITTELFUSE-SPNH200.X Datasheet
815Kb / 11P
   POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
Rev: 2-B-083021
logo
List of Unclassifed Man...
MA203AAB035 ETC2-MA203AAB035 Datasheet
1Mb / 10P
   MA.203 Stingray GPS/Cellular Adhesive Antenna
logo
Bel Fuse Inc.
3AG BEL-3AG Datasheet
402Kb / 2P
   Fast Blow Fuse Series
5MT BEL-5MT_13 Datasheet
1Mb / 4P
   MEDIUM BLOW FUSE SERIES
logo
Littelfuse
SPXV006.T LITTELFUSE-SPXV006.T Datasheet
317Kb / 3P
   SPXV SERIES SOLAR FUSE
logo
Bel Fuse Inc.
GSA63 BEL-GSA63 Datasheet
90Kb / 2P
   Slow Blow Fuse Series
5MT BEL-5MT Datasheet
94Kb / 2P
   Medium Blow Fuse Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com