Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62AG18-L9-050S Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 62AG18-L9-050S
Description  Price Competitive Solution
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

62AG18-L9-050S Datasheet(HTML) 1 Page - Grayhill, Inc

  62AG18-L9-050S Datasheet HTML 1Page - Grayhill, Inc 62AG18-L9-050S Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
SerieS 62AG
Price Competitive Solution
DiMeNSiONS in inches (and millimeters)
Unless otherwise specified, standard tolerances are:
Linear ± .025
Diameter ± .010
Angle ± 2.0 0
FeATUreS
Over 1 million rotational cycles
2-bit gray code output
Quadrature coding
Available in 16 detent positions
4 inch cable/connector assembly
RoHS compliant
Optional integrated pushbutton
Patented light pipe technology
Cost competitive with
mechanical encoders
at higher volumes
APPLiCATiONS
Automotive
- audio systems
- navigation systems
Medical
- patient monitoring systems
Test & Measurement
- analyzers
- oscilloscopes
Audio & Video
- consumer electronics
- professional editing equipment
.312
7,92
[
]
[.687]
[ 17,45 ]
.250
[6,35]
.580
[14,73]
.500
[12,7]
.066 ±.002
[1,68 ]
.152 ±.002
[3,86 ]
Ø
SHAFT
.249 ±.002
6,32 ]
[
.219 ±.004
5,56 ]
[
.512
13
[
]
.532 ±.015
13,51 ]
[
4.00±.200
[101,6]
CONNECTOR IS AMP
P/N 7-215083-6
OR EQUIVALENT
3/8-32 UNEF-2A THREAD
THREADS TO BE WITHIN
.030 [0,76] OF SHOULDER
NOTE: GRAYHILL ALLOWS
MULTIPLE ORIENTATIONS FOR
THE GRAYHILL TEXT ON THE
BACKPLATE.


Similar Part No. - 62AG18-L9-050S

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62AG11-01-040C GRAYHILL-62AG11-01-040C Datasheet
5Mb / 33P
   Custom, Absolute
62AG11-02-040C GRAYHILL-62AG11-02-040C Datasheet
5Mb / 33P
   Custom, Absolute
62AG11-L0-020C GRAYHILL-62AG11-L0-020C Datasheet
501Kb / 2P
   Price Competitive Solution 2-bit gray code output
62AG11-L0-030C GRAYHILL-62AG11-L0-030C Datasheet
501Kb / 2P
   Price Competitive Solution 2-bit gray code output
62AG11-L0-040C GRAYHILL-62AG11-L0-040C Datasheet
501Kb / 2P
   Price Competitive Solution 2-bit gray code output
More results

Similar Description - 62AG18-L9-050S

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62AG11-L0-020C GRAYHILL-62AG11-L0-020C Datasheet
501Kb / 2P
   Price Competitive Solution 2-bit gray code output
logo
Advantech Co., Ltd.
ARK-1120 ADVANTECH-ARK-1120_13 Datasheet
564Kb / 2P
   Ultra Slim and Price Competitive Intel짰 Atom??N455 Fanless Embedded Box PC
ARK-1120 ADVANTECH-ARK-1120 Datasheet
2Mb / 2P
   Ultra Slim and Price Competitive Intel짰 Atom??N455 Fanless Embedded Box PC
logo
List of Unclassifed Man...
V236H1-L03 ETC2-V236H1-L03 Datasheet
22Kb / 1P
   Variant price modifier
LC320WUD-SBA1 ETC2-LC320WUD-SBA1 Datasheet
22Kb / 1P
   Variant price modifier
logo
Taiwan Semiconductor Co...
TS19751 TSC-TS19751 Datasheet
251Kb / 7P
   Competitive bill of material design
logo
Advanced Crystal Techno...
ACT533SMX-2 ACT-ACT533SMX-2 Datasheet
145Kb / 2P
   high quality, cost competitive ceramic
05-10-05
logo
Golledge Electronics Lt...
GWX-2012 GOLLEDGE-GWX-2012 Datasheet
566Kb / 4P
   Competitive pricing for volume applications
logo
Advanced Crystal Techno...
ACT533SMX-2 ACT-ACT533SMX-2_12 Datasheet
126Kb / 3P
   high quality, cost competitive ceramic
31-5-2012
ACT7VC14 ACT-ACT7VC14 Datasheet
199Kb / 3P
   a range of cost competitive VCXOs
08/11/04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com