Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3222N Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA3222N
Description  TX Gain Control Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3222N Datasheet(HTML) 6 Page - Sony Corporation

  CXA3222N Datasheet HTML 1Page - Sony Corporation CXA3222N Datasheet HTML 2Page - Sony Corporation CXA3222N Datasheet HTML 3Page - Sony Corporation CXA3222N Datasheet HTML 4Page - Sony Corporation CXA3222N Datasheet HTML 5Page - Sony Corporation CXA3222N Datasheet HTML 6Page - Sony Corporation CXA3222N Datasheet HTML 7Page - Sony Corporation CXA3222N Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
– 6 –
CXA3222N
Design Reference Values
Single ended measurement
(VCC = 3.0V, Ta = 27°C)
Item
Symbol
Conditions
Input resistance
Input capacitance
Output resistance
Output capacitance
Rin
Cin
Rout
Cout
Typ.
10
0.92
6
0.9
Unit
k
pF
k
pF
f = 130.38MHz, Vgctl = 1.5V
Notes on Operation
1) This IC is a wideband amplifier with wide gain control range. The decouping capacitors between GND Pin
and VCC Pin should be as close to the IC as possible.
2) The resistors connected to Pins 5 and 6 should be as close to the IC as possible.
3) This IC assumes the excellent characteristics when the differential input impedance between Pins 1 and 2 is
500
Ω. Refer to the Measurement Circuit for the external element settings, etc.
4) Pay attention to handling this IC because its electrostatic discharge strength is weak.


Similar Part No. - CXA3222N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3222AN SONY-CXA3222AN Datasheet
126Kb / 8P
   TX Gain Control Amplifier
More results

Similar Description - CXA3222N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3222AN SONY-CXA3222AN Datasheet
126Kb / 8P
   TX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3001N SONY-CXA3001N Datasheet
254Kb / 12P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3002N SONY-CXA3002N Datasheet
234Kb / 12P
   RX Gain Control Amplifier
CXA3221AN SONY-CXA3221AN Datasheet
126Kb / 8P
   RX Gain Control Amplifier
CXA3221N SONY-CXA3221N Datasheet
151Kb / 8P
   RX Gain Control Amplifier
logo
Toshiba Semiconductor
TA4018F TOSHIBA-TA4018F_07 Datasheet
611Kb / 8P
   VHF Gain Control Amplifier Application
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com