Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VXE4 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VXE4
Description  VXE4 Surface Mount Crystals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VXE4 Datasheet(HTML) 1 Page - Vectron International, Inc

  VXE4_06 Datasheet HTML 1Page - Vectron International, Inc VXE4_06 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 = Fundamental (9.68 to 40 MHz)
3 = 3
rd Overtone (40 to 100 MHz)
A = ±100 PPM -20°C to +70°C
B = ±50 PPM -20°C to +70°C
C = ±100 PPM -40°C to +85°C
D = ±50 PPM -40°C to +85°C
E = ±25 PPM -20°C to +70°C
G = ±10 PPM -20°C to +70°C
H = ±5 PPM -10°C to +60°C
0 = Series Resonant
Capacitance
1 = 16 pF
2 = 20 pF
4 = 18 pF
5 = 10 pF
6 = 30 pF
±25 PPM at + 25°C
<60 Ohms
7 pF Maximum
10 to 100 uW
<5 ppm/1
st year at +25°C
VXE4-3B2-56M448
V = VITE
X = Crystal
E4 = 6.0 x 3.5 x 1.1 mm package
3 = 3
rd Overtone
B = ±50 PPM
2 = 20 pF load
Generate your own part number!
We welcome your custom requests and will
issue a custom part number for items that are not
listed.
VXE4 Surface Mount Crystals
Package
Options
Frequency
Range
Stability
Options
Load
Mode
9.68MHz to 100MHz
E4 = 6 x 3.5 x 1.1 mm tall 4 pads
Calibration
Tolerance
Equivalent
Series
Resistance
Shunt
Capacitance
Drive Level
Aging
Typical P/N


Similar Part No. - VXE4_06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXE4 VECTRON-VXE4 Datasheet
111Kb / 2P
   VXE4 Surface Mount Crystals
More results

Similar Description - VXE4_06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXE4 VECTRON-VXE4 Datasheet
111Kb / 2P
   VXE4 Surface Mount Crystals
logo
Mercury United Electron...
M49 MERCURY-M49 Datasheet
109Kb / 1P
   Surface Mount Crystals
logo
EUROQUARTZ limited
90SMX-SH EUROQUARTZ-90SMX-SH Datasheet
103Kb / 1P
   SURFACE-MOUNT CRYSTALS
logo
MTRONPTI
HC-49U MTRONPTI-HC-49U Datasheet
261Kb / 1P
   Surface Mount Crystals
HC-49U MTRONPTI-HC-49U_07 Datasheet
257Kb / 2P
   Surface Mount Crystals
logo
EUROQUARTZ limited
86SMX EUROQUARTZ-86SMX Datasheet
47Kb / 1P
   SURFACE-MOUNT CRYSTALS
logo
MTRONPTI
HC49U MTRONPTI-HC49U Datasheet
308Kb / 2P
   Surface Mount Crystals
logo
Mercury United Electron...
MJ2 MERCURY-MJ2 Datasheet
105Kb / 1P
   Surface Mount Crystals
X22 MERCURY-X22 Datasheet
44Kb / 1P
   Surface Mount Crystals
logo
MTRONPTI
ATSM-49 MTRONPTI-ATSM-49 Datasheet
260Kb / 1P
   Surface Mount Crystals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com